Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4F13A Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMM4F13A
Description  High junction temperature Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F13A Datasheet(HTML) 4 Page - STMicroelectronics

  SMM4F13A Datasheet HTML 1Page - STMicroelectronics SMM4F13A Datasheet HTML 2Page - STMicroelectronics SMM4F13A Datasheet HTML 3Page - STMicroelectronics SMM4F13A Datasheet HTML 4Page - STMicroelectronics SMM4F13A Datasheet HTML 5Page - STMicroelectronics SMM4F13A Datasheet HTML 6Page - STMicroelectronics SMM4F13A Datasheet HTML 7Page - STMicroelectronics SMM4F13A Datasheet HTML 8Page - STMicroelectronics SMM4F13A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
SMM4F
4/10
Figure 4.
Clamping voltage versus peak pulse current
(exponential waveform, maximum values)
Figure 2.
Peak power dissipation versus
initial junction temperature
Figure 3.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
175
200
PPP[Tj initial] / P P
P [Tjinitial =2 5 °C]
T
(°C)
j initial
0.1
1.0
10.0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
T
j initial = 25 °C
t (ms)
p
P
(kW)
PP
0
1
10
100
1000
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
T
j initial=25 °C
SMM4F33A
SMM4F24A
SMM4F15A
SMM4F5.0A
tp = 8/20 µs
tp = 10/1000 µs
IPP(A)
VCL(V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com