Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4F15A Datasheet(PDF) 7 Page - STMicroelectronics

Part # SMM4F15A
Description  High junction temperature Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F15A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SMM4F15A Datasheet HTML 2Page - STMicroelectronics SMM4F15A Datasheet HTML 3Page - STMicroelectronics SMM4F15A Datasheet HTML 4Page - STMicroelectronics SMM4F15A Datasheet HTML 5Page - STMicroelectronics SMM4F15A Datasheet HTML 6Page - STMicroelectronics SMM4F15A Datasheet HTML 7Page - STMicroelectronics SMM4F15A Datasheet HTML 8Page - STMicroelectronics SMM4F15A Datasheet HTML 9Page - STMicroelectronics SMM4F15A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SMM4F
Package information
7/10
3
Package information
●
Case: JEDEC DO-222AA molded plastic over Planar junction
●
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
●
Polarity: For unidirectional types the band indicates cathode.
●
Flammability: Epoxy is rated UL94V-0
●
RoHS package
In order to meet environmental requirements, ST (also) offers these devices in ECOPACK®
packages. ECOPACK® packages are Lead-free. The category of second level Interconnect
is marked on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Table 5.
STmite flat dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.85
0.95
0.031 0.033 0.037
b
0.40
0.55
0.65
0.016 0.022 0.026
b2
0.70
0.85
1.00
0.027 0.033 0.039
c
0.10
0.15
0.25
0.004 0.006 0.009
D
1.75
1.90
2.05
0.069 0.075 0.081
E
3.60
3.80
3.90
0.142 0.150 0.154
E1
2.80
2.95
3.10
0.110 0.116 0.122
L
0.50
0.55
0.80
0.020 0.022 0.031
L1
2.10
2.40
2.60
0.083 0.094 0.102
L2
0.45
0.60
0.75
0.018 0.024 0.030
L3
0.20
0.35
0.50
0.008 0.014 0.020
Figure 11.
STmite flat footprint
dimensions
Figure 12.
Marking information
E1
E
c
D
b
L3
A
L
L1
L2
b2
0.85 0.63
2.00
millimeters
(inches)
4.13
0.95
1.95
0.65
0.65
(0.033)
(0.079)
(0.037)
(0.077)
(0.026)
(0.163)
(.025)
(.026)
y w w
x x x
XXX: Marking
Y: Year
WW: week
Cathode bar (unidirectional devices only )



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com