Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4F20A Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMM4F20A
Description  High junction temperature Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F20A Datasheet(HTML) 2 Page - STMicroelectronics

  SMM4F20A Datasheet HTML 1Page - STMicroelectronics SMM4F20A Datasheet HTML 2Page - STMicroelectronics SMM4F20A Datasheet HTML 3Page - STMicroelectronics SMM4F20A Datasheet HTML 4Page - STMicroelectronics SMM4F20A Datasheet HTML 5Page - STMicroelectronics SMM4F20A Datasheet HTML 6Page - STMicroelectronics SMM4F20A Datasheet HTML 7Page - STMicroelectronics SMM4F20A Datasheet HTML 8Page - STMicroelectronics SMM4F20A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
SMM4F
2/10
1
Characteristics
Table 1.
Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage (IEC 61000-4-2 contact discharge)
30
kV
PPP
Peak pulse power dissipation (1)
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Tj initial = Tamb
400
W
P
Power dissipation on infinite heatsink
Tamb = 125 °C
2.5
W
IFSM
Non repetitive surge peak forward current
for unidirectional types
tp = 10 ms
Tj initial = Tamb
30
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range
-55 to +175
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 2.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
20
°C/W
Rth(j-a)
Junction to ambient on PCB with recommended pad layout
250
Table 3.
Electrical characteristics - parameter definitions (Tamb = 25 °C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
IR
Breakdown current
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
RD
Dynamic resistance
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com