Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE44607 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44607
Description  QN Female Bulkhead Connector Crimp/Solder Attachment For RG213, RG215, .500 inch Diameter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44607 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44607 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44607 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44607 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
QN Female Bulkhead Connector Crimp/Solder Attachment For RG213, RG215, .500 inch Diameter
Configuration
Connector
QN Female
Connector Interface Type
RG213,RG215
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Return Loss, dB
0.17
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Frequency 1
Frequency, MHz
DC to 1,000
Return Loss, dB
33
Insertion Loss, dB
0.05
Frequency 2
Frequency, GHz
1 to 2.5
Return Loss, dB
31
Insertion Loss, dB
0.08
Frequency 3
Frequency, GHz
2.5 to 6
Return Loss, dB
22
Insertion Loss, dB
0.12
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +125
Size
Length, in [mm]
1.68 [42.67]
Width/Dia., in [mm]
0.67 [17.02]
.
Weight, lbs [g]
0.096 [43.54]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QN Female Bulkhead Connector Crimp/Solder Attachment For RG213, RG215, .500 inch
Diameter PE44607
PE44607
PE44607 REV 01
QN Female Bulkhead Connector Crimp/Solder
Attachment For RG213, RG215, .500 inch Diameter


Similar Part No. - PE44607

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4460 PASTERNACK-PE4460 Datasheet
354Kb / 3P
75 Ohm TNC Female Connector Clamp - Solder Attachment for RG59, RG62
PE4460 PASTERNACK-PE4460 Datasheet
319Kb / 3P
TNC Female Connector Clamp/Solder Attachment
PE44600 PASTERNACK-PE44600 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE44601 PASTERNACK-PE44601 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141, RG303
PE44602 PASTERNACK-PE44602 Datasheet
208Kb / 2P
QN Male Right Angle Connector Crimp/ Solder Attachment For RG213, RG215
More results

Similar Description - PE44607

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4940 PASTERNACK-PE4940 Datasheet
86Kb / 1P
N FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG8 & RG213
PE44602 PASTERNACK-PE44602 Datasheet
208Kb / 2P
QN Male Right Angle Connector Crimp/ Solder Attachment For RG213, RG215
PE44605 PASTERNACK-PE44605 Datasheet
224Kb / 3P
QN Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400, .500 inch Diameter
PE44620 PASTERNACK-PE44620 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE44618 PASTERNACK-PE44618 Datasheet
216Kb / 2P
BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE4488 PASTERNACK-PE4488 Datasheet
870Kb / 2P
N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE44597 PASTERNACK-PE44597 Datasheet
212Kb / 3P
QN Male Connector Crimp - Solder Attachment For RG213, RG215
PE44606 PASTERNACK-PE44606 Datasheet
234Kb / 3P
QN Female Bulkhead Connector Crimp - Solder Attachment For RG58, RG141, RG303, .500 inch Diameter
PE44608 PASTERNACK-PE44608 Datasheet
219Kb / 3P
QN Female Bulkhead Connector Crimp - Solder Attachment For RG214, RG225, .500 inch Diameter
PE44609 PASTERNACK-PE44609 Datasheet
221Kb / 2P
QN Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .500 inch Diameter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com