Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AS60AMFN Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC68HC908AS60AMFN
Description  Microcontrollers
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908AS60AMFN Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC68HC908AS60AMFN Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 414 page
background image
MC68HC908AZ60A • MC68HC908AS60A • MC68HC908AS60E Data Sheet, Rev. 6
Freescale Semiconductor
21
Chapter 1
General Description
1.1 Introduction
The MC68HC908AS60A, MC68HC908AZ60A, and MC68HC908AZ60E are members of the low-cost,
high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). All MCUs in the family use the
enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory
sizes and types, and package types.
These parts are designed to emulate the MC68HC08ASxx and MC68HC08AZxx automotive families and
may offer extra features which are not available on those devices. It is the user’s responsibility to ensure
compatibility between the features used on the MC68HC908AS60A, MC68HC908AZ60A, and
MC68HC908AZ60E and those which are available on the device which will ultimately be used in the
application.
For detailed information regarding the MC68HC908AZ60E refer to Appendix B MC68HC908AZ60E.
1.2 Features
Features of the MC68HC908AS60A and MC68HC908AZ60A include:
•
High-Performance M68HC08 Architecture
•
Fully Upward-Compatible Object Code with M6805, M146805, and M68HC05 Families
•
8.4 MHz Internal Bus Frequency
•
60 Kbytes of FLASH Electrically Erasable Read-Only Memory (FLASH)
•
FLASH Data Security
•
1 Kbyte of On-Chip Electrically Erasable Programmable Read-Only Memory with Security Option
(EEPROM)
•
2 Kbyte of On-Chip RAM
•
Clock Generator Module (CGM)
•
Serial Peripheral Interface Module (SPI)
•
Serial Communications Interface Module (SCI)
•
8-Bit, 15-Channel Analog-to-Digital Converter (ADC-15)
•
16-Bit, 6-Channel Timer Interface Module (TIMA-6)
•
Programmable Interrupt Timer (PIT)
•
System Protection Features
–
Computer Operating Properly (COP) with Optional Reset
–
Low-Voltage Detection with Optional Reset
–
Illegal Opcode Detection with Optional Reset
–
Illegal Address Detection with Optional Reset
•
Low-Power Design (Fully Static with Stop and Wait Modes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com