Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4083 Datasheet(PDF) 2 Page - Rohm

Part # 2SC4083
Description  High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4083 Datasheet(HTML) 2 Page - Rohm

  2SC4083 Datasheet HTML 1Page - Rohm 2SC4083 Datasheet HTML 2Page - Rohm 2SC4083 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.01 - Rev.D
Data Sheet
2SC5662 / 2SC4726 /2SC4083 / 2SC3838K
Electric characteristics curves
0.1 0.2
0.5 1
2
5
10
20
50
COLLECTOR CURRENT : IC (mA)
10
20
50
100
200
500
Fig.1 DC current gain vs. collector current
Ta
=25
°C
VCE
=10V
Fig.2 Collector-emitter saturation voltage
vs. collector current
0.1 0.2
0.5
1
2
5
10
20
50
COLLECTOR CURRENT : IC (mA)
10
20
50
100
200
500
Ta
=25
°C
IC
/IB
=10
IC
/IB
=2
−0.1 −0.2
−0.5 −1 −2
−5 −10 −20
−50
EMITTER CURRENT : IE (mA)
0.1
0.2
0.5
1.0
2.0
5.0
Fig.3 Gain bandwidth product
vs. emitter current
Ta
=25
°C
VCE
=10V
0.1 0.2
0.5
1
2
5
10
20
50
COLLECTOR TO BASE VOLTAGE : VCB (V)
0.1
0.2
0.5
1.0
2.0
5.0
Fig.4 Capacitance vs. reverse bias voltage
Ta
=25
°C
f
=1MHz
IE
=0A
Cob
Cre
0.1 0.2
0.5
1
2
5
10
20
50
COLLECTOR CURRENT : IC (mA)
1.0
2.0
5.0
10
20
50
Fig.5 Collector to base time constance
vs. collector current
Ta
=25
°C
f
=31.8MHz
VCE
=10V
0.1 0.2
0.5
1
2
5
10
20
50
COLLECTOR CURRENT : IC (mA)
0
10
20
Fig.6 Noisfactor vs.
collector current characteristics
Ta
=25
°C
f
=500MHz
VCE
=6V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com