Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280EC Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC8280EC
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280EC Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC8280EC Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
Freescale Semiconductor
71
Pinout
PB15/FCC3_MII_TX_ER/RXD2
U242
PB16/FCC3_MII_RMII_RX_ER/CLK18
R222
PB17/FCC3_MII_RX_DV/CLK17/
FCC3_RMII_CRS_DV
R232
PB18/FCC2_MII_HDLC_RXD3/
L1CLKOD2/L1RXD2A2
FCC2_UT8_RXD4
M232
PB19FCC2_MII_HDLC_RXD2/
L1RQD2/L1RXD3A2
FCC2_UT8_RXD5
L242
PB20/FCC2_MII_HDLC_RMII_RXD1/
L1RSYNCD2
FCC2_UT8_RXD6
K242
PB21//FCC2_MII_HDLC_RMII_RXD0/
FCC2_TRAN_RXD/L1TSYNCD2/
L1GNTD2
FCC2_UT8_RXD7
L212
PB22/FCC2_MII_HDLC_RMII_TXD0/
FCC2_TXD/FCC2_RMII_TXD0/
L1RXDD2
FCC2_UT8_TXD7
P252
PB23/FCC2_MII_HDLC_TXD1/
L1RXD2A1/L1TXDD2/
FCC2_RMII_TXD1
FCC2_UT8_TXD6
N252
PB24/FCC2_MII_HDLC_TXD2/
L1RSYNCC2
FCC2_UT8_TXD5
E262
PB25/FCC2_MII_HDLC_TXD3/
L1TSYNCC2/L1GNTC2
FCC2_UT8_TXD4
H232
PB26/FCC2_MII_CRS/L1RXDC2
FCC2_UT8_TXD1
C262
PB27/FCC2_MII_COL/L1TXDC2
FCC2_UT8_TXD0
B262
PB28/FCC2_MII_RX_ER/FCC2_RMII_RX_ER/
FCC2_RTS/L1TSYNCB2/L1GNTB2/TXD1
A222
PB29/L1RSYNCB2/
FCC2_MII_TX_EN/FCC2_RMII_TX_EN
FCC2_UTM_RXCLAV/
FCC2_UTS_RXCLAV
A212
PB30/FCC2_MII_RX_DV/L1RXDB2/
FCC2_RMII_CRS_DV
FCC2_UT_TXSOC
E202
PB31/FCC2_MII_TX_ER/L1TXDB2
FCC2_UT_RXSOC
C202
PC0/DREQ1/BRGO7/SMSYN2/
L1CLKOA2
AE222
PC1/DREQ2/SPISEL/BRGO6/L1RQA2
AA192
PC2/FCC3_CD/DONE2
FCC2_UT8_TXD3
AF242
PC3/FCC3_CTS/DACK2/CTS4/
USB_RP
FCC2_UT8_TXD2
AE252
PC4/SI2_L1ST4/FCC2_CD
FCC2_UTM_RXENB/
FCC2_UTS_RXENB
AB222
Table 25. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List (continued)
Pin Name
Ball
MPC8275/MPC8270
MPC8275 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com