Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE44721 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44721
Description  N Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44721 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44721 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44721 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44721 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq.
Flange Watt Meter Connector
Configuration
Connector
N Female
Connector Specification
MIL-STD-348
Connector Interface Type
Slotted Contact
Cable Attachment Method (Shield/Contact)
Field Replaceable
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.141 [28.98]
Width/Dia., in [mm]
1.24 [31.50]
Height, in [mm]
1.24 [31.5]
.
Weight, lbs [g]
0.09 [40.82]
Connector
Type
N Female
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal,
1.24 Sq. Flange Watt Meter Connector PE44721
PE44721
PE44721 REV NC
N Female Connector Field Replaceable Attachment 4 Hole Flange
Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector


Similar Part No. - PE44721

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4472 PASTERNACK-PE4472 Datasheet
280Kb / 2P
75 Ohm SMB Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4472 PASTERNACK-PE4472 Datasheet
317Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment
PE44720 PASTERNACK-PE44720 Datasheet
945Kb / 3P
BNC Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector
PE44722 PASTERNACK-PE44722 Datasheet
949Kb / 3P
N Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.0 Sq. Flange Watt Meter Connector
PE44723 PASTERNACK-PE44723 Datasheet
948Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, Gold Plated Brass Body
More results

Similar Description - PE44721

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44014 PASTERNACK-PE44014 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44027 PASTERNACK-PE44027 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44001 PASTERNACK-PE44001 Datasheet
207Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch Flange Size
PE44010 PASTERNACK-PE44010 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE44011 PASTERNACK-PE44011 Datasheet
209Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE44717 PASTERNACK-PE44717 Datasheet
834Kb / 3P
7/16 DIN Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal,Attachment 4 Hole Flange Slotted Contact Terminal
PE44720 PASTERNACK-PE44720 Datasheet
945Kb / 3P
BNC Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector
PE44718 PASTERNACK-PE44718 Datasheet
821Kb / 3P
HN Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, Watt Meter Connector
PE44722 PASTERNACK-PE44722 Datasheet
949Kb / 3P
N Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.0 Sq. Flange Watt Meter Connector
PE44719 PASTERNACK-PE44719 Datasheet
813Kb / 3P
UHF Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com