Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXT4100A7U Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPXT4100A7U
Description  X-ducer SILICON PRESSURE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXT4100A7U Datasheet(HTML) 8 Page - Motorola, Inc

  MPXT4100A7U Datasheet HTML 1Page - Motorola, Inc MPXT4100A7U Datasheet HTML 2Page - Motorola, Inc MPXT4100A7U Datasheet HTML 3Page - Motorola, Inc MPXT4100A7U Datasheet HTML 4Page - Motorola, Inc MPXT4100A7U Datasheet HTML 5Page - Motorola, Inc MPXT4100A7U Datasheet HTML 6Page - Motorola, Inc MPXT4100A7U Datasheet HTML 7Page - Motorola, Inc MPXT4100A7U Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MPXT4100 MPXT4101 MPXT4105 SERIES
8
Motorola Sensor Device Data
ORDERING INFORMATION
The MPXT4100A, MPXT4101A, AND MPXT4105A series MAP silicon pressure sensors are available to be shipped in rails.
Packing Options
Port Options
Leadform
Case No.
MPXT Series Order No.
Marking
Rails
Element
84 degree
473A–01
MPXT4100A7U
MPXT4100A
Rails
Element
84 degree
473A–01
MPXT4101A7U
MPXT4101A
Rails
Element
84 degree
473A–01
MPXT4105A7U
MPXT4105A
PACKAGE DIMENSIONS
CASE 473A–01
ISSUE A
G
–B–
–A–
1
4
8
5
P
F
M
U
R
J
8 PL
S
B
M
0.25 (0.010)
A S
T
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006).
5. ALL VERTICAL SURFACES 5
_TYPICAL DRAFT.
6. DIMENSION P TO CENTER OF LEAD WHEN
FORMED PARALLEL.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.658
0.668
16.71
16.97
B
0.658
0.668
16.71
16.97
C
0.329
0.357
8.36
9.07
F
0.026
0.034
0.660
0.864
G
0.100 BSC
2.54 BSC
J
0.009
0.011
0.23
0.28
L
0.138
0.150
3.81
3.51
M
0
15
0
15
P
0.738
0.748
18.75
19.00
R
0.503
0.523
12.78
13.28
U
0.135
0.145
3.43
3.68
__
__
L
–T–
C
DETAIL X
S
DETAIL X
S
0.002
0.020
0.05
0.51
SEATING
PLANE
STYLE 2:
PIN 1. GROUND
2. +VOUT
3. VSUPPLY
4. –VOUT
5. N/C
6. N/C
7. N/C
8. N/C
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 1–303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Customer Focus Center: 1–800–521–6274
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 1–602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
Motorola Fax Back System
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
– http://sps.motorola.com/mfax/
HOME PAGE: http://motorola.com/sps/
MPXT4100/D
◊



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com