Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358E Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8358E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
© 2011 Freescale Semiconductor, Inc. All rights reserved.
Freescale Semiconductor
Technical Data
This document provides an overview of the MPC8360E/58E
PowerQUICC II Pro processor revision 2.x TBGA features, including a
block diagram showing the major functional components. This device is
a cost-effective, highly integrated communications processor that
addresses the needs of the networking, wireless infrastructure, and
telecommunications markets. Target applications include next generation
DSLAMs, network interface cards for 3G base stations (Node Bs),
routers, media gateways, and high end IADs. The device extends current
PowerQUICC II Pro offerings, adding higher CPU performance,
additional functionality, faster interfaces, and robust interworking
between protocols while addressing the requirements related to
time-to-market, price, power, and package size. This device can be used
for the control plane and also has data plane functionality.
For functional characteristics of the processor, refer to the MPC8360E
PowerQUICC II Pro Integrated Communications Processor Reference
Manual, Rev. 3.
To locate any updates for this document, refer to the MPC8360E product
summary page on our website listed on the back cover of this document
or contact your Freescale sales office.
1
Overview
This section describes a high-level overview including features and
general operation of the MPC8360E/58E PowerQUICC II Pro processor.
A major component of this device is the e300 core, which includes
32 Kbytes of instruction and data cache and is fully compatible with the
Power Architecture™ 603e instruction set. The new QUICC Engine
module provides termination, interworking, and switching between a
Document Number: MPC8360EEC
Rev. 5, 09/2011
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . 7
3. Power Characteristics . . . . . . . . . . . . . . . . . . . 12
4. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . 14
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . 16
6. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . 18
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
8. UCC Ethernet Controller: Three-Speed Ethernet,
MII Management . . . . . . . . . . . . . . . . . . . . . . . 25
9. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
10. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
11. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
12. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
13. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
14. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
15. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
16. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
17. TDM/SI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
18. HDLC, BISYNC, Transparent, and Synchronous
UART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
19. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
20. Package and Pin Listings . . . . . . . . . . . . . . . . . 63
21. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
22. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91
23. System Design Information . . . . . . . . . . . . . . . 96
24. Ordering Information . . . . . . . . . . . . . . . . . . . . 99
25. Document Revision History . . . . . . . . . . . . . 100
MPC8360E/MPC8358E
PowerQUICC II Pro Processor
Revision 2.x TBGA Silicon
Hardware Specifications


Similar Part No. - MPC8358E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8358E FREESCALE-MPC8358E Datasheet
1Mb / 96P
PowerQUICC??II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
MPC8358E FREESCALE-MPC8358E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8358E FREESCALE-MPC8358E Datasheet
1Mb / 95P
PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon
logo
NXP Semiconductors
MPC8358E NXP-MPC8358E Datasheet
1Mb / 95P
PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
Rev. 3, 01/2011
MPC8358E NXP-MPC8358E Datasheet
1Mb / 102P
PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
More results

Similar Description - MPC8358E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8358E FREESCALE-MPC8358E Datasheet
1Mb / 96P
PowerQUICC??II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
MPC8360E FREESCALE-MPC8360E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8360E FREESCALE-MPC8360E_11 Datasheet
1Mb / 108P
PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
PowerQUICC II Pro Processor Hardware Specifications
MPC8360CZUAJDG FREESCALE-MPC8360CZUAJDG Datasheet
612Kb / 102P
PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
MPC8358EEC NXP-MPC8358EEC Datasheet
1Mb / 95P
PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
Rev. 3, 01/2011
MPC8360EEC NXP-MPC8360EEC Datasheet
1Mb / 102P
PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com