Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXT4101A7U Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPXT4101A7U
Description  X-ducer SILICON PRESSURE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXT4101A7U Datasheet(HTML) 2 Page - Motorola, Inc

  MPXT4101A7U Datasheet HTML 1Page - Motorola, Inc MPXT4101A7U Datasheet HTML 2Page - Motorola, Inc MPXT4101A7U Datasheet HTML 3Page - Motorola, Inc MPXT4101A7U Datasheet HTML 4Page - Motorola, Inc MPXT4101A7U Datasheet HTML 5Page - Motorola, Inc MPXT4101A7U Datasheet HTML 6Page - Motorola, Inc MPXT4101A7U Datasheet HTML 7Page - Motorola, Inc MPXT4101A7U Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPXT4100 MPXT4101 MPXT4105 SERIES
2
Motorola Sensor Device Data
MPXT4100A SERIES OPERATING CHARACTERISTICS (VS = 5.1 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
20
—
105
kPa
Supply Voltage(2)
VS
4.85
5.1
5.35
Vdc
Supply Current
Io
—
7.0
10
mAdc
Offset(3)
(0 to 85
°C)
Voff
0.225
0.306
0.388
V
Full Scale Output(4)
(0 to 85
°C)
VFSO
4.816
4.897
4.978
Vdc
Full Scale Span(5)
(0 to 85
°C)
VFSS
4.510
4.591
4.672
V
Accuracy(6)
(0 to 85
°C)
—
—
—
±1.8
%VFSS
Sensitivity
∆V/∆P
—
54
—
mV/kPa
Response Time(7)
tR
—
1.0
—
ms
Output Source Current at Full Scale Output
Io+
—
0.1
—
mA
MECHANICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Weight, Basic Element (Case 473)
—
—
2.0
—
Grams
Warm–Up Time(8)
—
—
15
—
mSec
Cavity Volume
—
—
—
0.01
IN3
Volumetric Displacement
—
—
—
0.001
IN3
Common Mode Line Pressure(11)
—
—
—
690
kPa
MPXT4101A SERIES OPERATING CHARACTERISTICS (VS = 5.1 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
15
—
102
kPa
Supply Voltage(2)
VS
4.85
5.1
5.35
Vdc
Supply Current
Io
—
7.0
10
mAdc
Offset(3)
(0 to 85
°C)
Voff
0.171
0.252
0.333
V
Full Scale Output(4)
(0 to 85
°C)
VFSO
4.870
4.951
5.032
Vdc
Full Scale Span(5)
(0 to 85
°C)
VFSS
4.618
4.700
4.782
V
Accuracy(6)
(0 to 85
°C)
—
—
—
±1.8
%VFSS
Sensitivity
∆V/∆P
—
54
—
mV/kPa
Response Time(7)
tR
—
1.0
—
ms
Output Source Current at Full Scale Output
Io+
—
0.1
—
mA
MECHANICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Weight, Basic Element (Case 473)
—
—
2.0
—
Grams
Warm–Up Time(8)
—
—
15
—
mSec
Cavity Volume
—
—
—
0.01
IN3
Volumetric Displacement
—
—
—
0.001
IN3
Common Mode Line Pressure(11)
—
—
—
690
kPa



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com