Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD8350-1R8-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # SD8350-1R8-R
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD8350-1R8-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  SD8350-1R8-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD8350-1R8-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD8350-1R8-R Datasheet HTML 3Page - Cooper Bussmann, Inc. SD8350-1R8-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RECOMM ENDED PCB LAYOUT
SCHEM A TIC
1
2
9.5 max.
8.3 max.
4.5 max.
2.5
1.2
6.3
XX X
wwlly R
TOP VIEW
FRONT VI EW
BOTTOM VIEW
5.7
2.9
1.8
1
2
LEFT VIEW
D
Diim
me
en
ns
siio
on
ns
s -- m
mm
m
0
20
40
60
80
100
120
140
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Total Loss (W)
Part Marking: Coiltronics logo
xxx = Inductance value in
μH. (R = Decimal point). If no R is present, third character = number of zeros
wwlly - or - wwllyy = Date code
R = Revision level
Supplied in tape-and-reel packaging, 750 parts per reel, 13” diameter reel.
Packaging Information - mm
Temperature Rise vs.Total Loss
0911
BU-SB111111
Page 2 of 4
Data Sheet: PM-4146



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com