Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1632AEAI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1632AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632AEAI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1632AEAI Datasheet HTML 1Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 15V, both PWMs on, SYNC = VL, VL load = 0mA, REF load = 0mA, SKIP = 0V, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ..............................................................-0.3V to +36V
PGND to GND.....................................................................±0.3V
VL to GND ................................................................-0.3V to +6V
BST3, BST5 to GND ...............................................-0.3V to +36V
LX3 to BST3..............................................................-6V to +0.3V
LX5 to BST5..............................................................-6V to +0.3V
REF, SYNC, SEQ, STEER, SKIP, TIME/ON5,
SECFB, RESET to GND .......................................-0.3V to +6V
VDD to GND ............................................................-0.3V to +20V
RUN/ON3, SHDN to GND.............................-0.3V to (V+ + 0.3V)
12OUT to GND ...........................................-0.3V to (VDD + 0.3V)
DL3, DL5 to PGND........................................-0.3V to (VL + 0.3V)
DH3 to LX3 ...............................................-0.3V to (BST3 + 0.3V)
DH5 to LX5 ...............................................-0.3V to (BST5 + 0.3V)
VL, REF Short to GND ................................................Momentary
12OUT Short to GND..................................................Continuous
REF Current...........................................................+5mA to -1mA
VL Current.........................................................................+50mA
12OUT Current ...............................................................+200mA
VDD Shunt Current ............................................................+15mA
Operating Temperature Ranges
MAX163_ACAI ....................................................0°C to +70°C
MAX163_AEAI .................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 9.52mW/°C above +70°C) ....................762mW
Lead Temperature (soldering, 10s) .................................+300°C
CONDITIONS
V
4.2
30.0
Input Voltage Range
UNITS
MIN
TYP
MAX
PARAMETER
Either SMPS
V+ = 4.2V to 30V, CSH3–CSL3 = 0V,
CSL3 tied to FB3
V
REF
5.5
V
2.42
2.5
2.58
3V Output Voltage in
Adjustable Mode
Output Voltage Adjust Range
Either SMPS, 5.2V < V+ < 30V
%/V
0.03
Either SMPS, 0V < CSH_- CSL_ < 80mV
Line Regulation
Dual Mode comparator
%
-2
V
0.5
1.1
Adjustable-Mode Threshold Voltage
Load Regulation
SYNC = VL
From enable to 95% full current limit with respect to
fOSC (Note 1)
270
300
330
Clks
512
SKIP = 0V, not tested
Soft-Start Ramp Time
mV
10
25
40
Idle Mode Threshold
SYNC = 0V
kHz
170
200
230
Oscillator Frequency
V+ = 4.2V to 30V, 0mV < CSH3–CSL3 < 80mV,
FB3 = 0V
V
3.20
3.39
3.47
3V Output Voltage in Fixed Mode
V+ = 4.2V to 30V, CSH5–CSL5 = 0V,
CSL5 tied to FB5
V
2.42
2.5
2.58
5V Output Voltage in
Adjustable Mode
V+ = 5.2V to 30V, 0mV < CSH–CSL5 < 80mV,
FB5 = 0V
V
4.85
5.13
5.25
5V Output Voltage in Fixed Mode
SYNC = VL
97
98
SYNC = 0V (Note 2)
%
98
99
Maximum Duty Factor
CSH3–CSL3 or CSH5–CSL5
80
100
120
SKIP = VL or VDD < 13V or SECFB < 2.44V
mV
-50
-100
-150
Current-Limit Threshold
MAIN SMPS CONTROLLERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com