Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2H Datasheet(PDF) 39 Page - Murata Manufacturing Co., Ltd.

Part # P2H
Description  Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

P2H Datasheet(HTML) 39 Page - Murata Manufacturing Co., Ltd.

Back Button P2H Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. P2H Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. P2H Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. P2H Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. P2H Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. P2H Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. P2H Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. P2H Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. P2H Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 237 page
background image
1 Lineup of small size and large capacity capacitors is available.
2 Since the external electrodes consist of a plated structure, the product is excellent in soldering heat resistance,
and flow (GRM18/21/31 types only) and reflow soldering can be used.
3 High reliability with no polarity.
4 Low impedance in high frequencies, and excellent in pulse response and noise elimination.
5 The profile dimensions have been standardized with high precision, therefore high reliability can be acquired in the case of
automatic mounting.
6 Paper tape or embossed tape is used for the packaging, according to the chip size.
GRM15/18/21 (T = 0.6, 1.25) can also be supplied in bulk cases.
The most widely used capacitor in the world!
Ideal capacitors can be selected from an abundant lineup.
e
g
e
L
W
T
For General Purpose GRM Series (Less than 250Vdc)
Chip Monolithic Ceramic Capacitors
C02E.pdf
Oct.1,2012
21
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com