Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6720UT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6720UT
Description  Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6720UT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6720UT Datasheet HTML 1Page - Maxim Integrated Products MAX6720UT Datasheet HTML 2Page - Maxim Integrated Products MAX6720UT Datasheet HTML 3Page - Maxim Integrated Products MAX6720UT Datasheet HTML 4Page - Maxim Integrated Products MAX6720UT Datasheet HTML 5Page - Maxim Integrated Products MAX6720UT Datasheet HTML 6Page - Maxim Integrated Products MAX6720UT Datasheet HTML 7Page - Maxim Integrated Products MAX6720UT Datasheet HTML 8Page - Maxim Integrated Products MAX6720UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Dual/Triple Ultra-Low-Voltage SOT23 µP
Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC1 = VCC2 = 0.8V to 5.5V, GND = 0, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC1, VCC2 ..........................................................-0.3V to +6V
Open-Drain RST, RST1, RST2, PFO, RST ................-0.3V to +6V
Push-Pull RST, RST1, PFO, RST...............-0.3V to (VCC1 + 0.3V)
Push-Pull RST2 .........................................-0.3V to (VCC2 + 0.3V)
RSTIN, PFI, MR, WDI ................................................-0.3V to +6V
Input Current/Output Current (all pins) ...............................20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23-5 (derate 7.1mW/°C above +70°C) ........571mW
6-Pin SOT23-6 (derate 8.7mW/°C above +70°C) ........696mW
8-Pin SOT23-8 (derate 8.9mW/°C above +70°C) ........714mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
0.8
5.5
V
VCC1 < 5.5V, all I/O pins open
15
39
ICC1
VCC1 < 3.6V, all I/O pins open
10
28
VCC2 < 3.6V, all I/O pins open
4
11
Supply Current
ICC2
VCC2 < 2.75V, all I/O pins open
3
9
µA
L (falling)
4.500
4.625
4.750
M (falling)
4.250
4.375
4.500
T (falling)
3.000
3.075
3.150
S (falling)
2.850
2.925
3.000
R (falling)
2.550
2.625
2.700
Z (falling)
2.250
2.313
2.375
Y (falling)
2.125
2.188
2.250
W (falling)
1.620
1.665
1.710
VCC1 Reset Threshold
VTH1
V (falling)
1.530
1.575
1.620
V
T (falling)
3.000
3.075
3.150
S (falling)
2.850
2.925
3.000
R (falling)
2.550
2.625
2.700
Z (falling)
2.250
2.313
2.375
Y (falling)
2.125
2.188
2.250
W (falling)
1.620
1.665
1.710
V (falling)
1.530
1.575
1.620
I (falling)
1.350
1.388
1.425
H (falling)
1.275
1.313
1.350
G (falling)
1.080
1.110
1.140
F (falling)
1.020
1.050
1.080
E (falling)
0.810
0.833
0.855
VCC2 Reset Threshold
VTH2
D (falling)
0.765
0.788
0.810
V
Reset Threshold Tempco
20
ppm/°C
Reset Threshold Hysteresis
VHYST
Referenced to VTH typical
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com