Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP233P Datasheet(PDF) 27 Page - Power Analog Micoelectronics

Part # TOP233P
Description  TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

TOP233P Datasheet(HTML) 27 Page - Power Analog Micoelectronics

Back Button TOP233P Datasheet HTML 23Page - Power Analog Micoelectronics TOP233P Datasheet HTML 24Page - Power Analog Micoelectronics TOP233P Datasheet HTML 25Page - Power Analog Micoelectronics TOP233P Datasheet HTML 26Page - Power Analog Micoelectronics TOP233P Datasheet HTML 27Page - Power Analog Micoelectronics TOP233P Datasheet HTML 28Page - Power Analog Micoelectronics TOP233P Datasheet HTML 29Page - Power Analog Micoelectronics TOP233P Datasheet HTML 30Page - Power Analog Micoelectronics TOP233P Datasheet HTML 31Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
TOP232-234
B
7/01
27
I
LIMIT
I
INIT
t
LEB
t
ILD
V
C(RESET)
R
DS(ON)
A
A
ns
ns
°C
°C
V
Conditions
(Unless Otherwise Specified)
See Figure 34
SOURCE = 0 V
; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
CIRCUIT PROTECTION
See Figure 33
T
J = 25 °C
T
J = 25 °C
T
J = 100 °C
T
J = 25 °C
T
J = 100 °C
T
J = 25 °C
T
J = 100 °C
TOP232
I
D = 50 mA
TOP233
I
D = 100 mA
TOP234
I
D = 150 mA
OUTPUT
FREQUENCY INPUT
FREQUENCY Pin
Threshold Voltage
FREQUENCY Pin
Input Current
V
F = VC
V
F
I
F
0.465
0.500
0.535
0.930
1.000
1.070
1.395
1.500
1.605
0.75 x
I
LIMIT(MIN)
0.6 x
I
LIMIT(MIN)
200
100
125
135
150
70
2.0
3.3
4.3
15.6
18.0
25.7
30.0
7.8
9.0
12.9
15.0
5.2
6.0
8.6
10.0
Self Protection
Current Limit
Initial Current Limit
Leading Edge
Blanking Time
Current Limit Delay
Thermal Shutdown
Temperature
Thermal Shutdown
Hysteresis
Power-up Reset
Threshold Voltage
ON-State
Resistance
TOP232
T
J= 25 °C
TOP233
T
J= 25 °C
TOP234
T
J= 25 °C
≤ 85 VAC
(Rectified Line Input)
265 VAC
(Rectified Line Input)
I
C = 4 mA
I
C = 4 mA
Figure 34, S1 open
Internal; di/dt = 100mA/
µs
Internal; di/dt = 200mA/
µs
Internal; di/dt = 300mA/
µs
See Note B
1.0
2.9
V
C -1.0
V
10
22
40
µA
See Note C
See Note C
See Note C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com