Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP233G Datasheet(PDF) 12 Page - Power Analog Micoelectronics

Part # TOP233G
Description  TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

TOP233G Datasheet(HTML) 12 Page - Power Analog Micoelectronics

Back Button TOP233G Datasheet HTML 8Page - Power Analog Micoelectronics TOP233G Datasheet HTML 9Page - Power Analog Micoelectronics TOP233G Datasheet HTML 10Page - Power Analog Micoelectronics TOP233G Datasheet HTML 11Page - Power Analog Micoelectronics TOP233G Datasheet HTML 12Page - Power Analog Micoelectronics TOP233G Datasheet HTML 13Page - Power Analog Micoelectronics TOP233G Datasheet HTML 14Page - Power Analog Micoelectronics TOP233G Datasheet HTML 15Page - Power Analog Micoelectronics TOP233G Datasheet HTML 16Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
TOP232-234
12
B
7/01
Figure 15. Line Sensing for Under-Voltage Only (Overvoltage
Disabled).
PI-2510-040401
DC
Input
Voltage
+
-
DM
S
C
VUV = RLS x IUV
For Value Shown
VUV = 100 VDC
RLS
6.2 V
2 M
Ω
22 k
Ω
CONTROL
Figure 16. Line Sensing for Overvoltage Only (Under-Voltage
Disabled).
Figure 17. Externally Set Current Limit.
PI-2517-040401
DC
Input
Voltage
+
-
DM
S
C
For RIL = 12 k
Ω
ILIMIT = 67%
CONTROL
RIL
See graph for other
resistor values (RIL)
For RIL = 25 k
Ω
ILIMIT = 40%
PI-2516-040401
DC
Input
Voltage
+
-
DM
S
C
VOV = IOV x RLS
For Values Shown
VOV = 450 VDC
CONTROL
RLS
IN4148
2 M
Ω
30 k
Ω
Figure 13. Three Terminal Operation (MULTI-FUNCTION
Features Disabled. FREQUENCY Pin Tied to SOURCE
or CONTROL Pin).
Figure 14. Line Sensing for Under-Voltage, Overvoltage and
Maximum Duty Cycle Reduction.
PI-2508-081199
DC
Input
Voltage
+
-
D
S
C
CONTROL
M
PI-2509-040401
DC
Input
Voltage
+
-
DM
S
C
VUV = IUV x RLS
VOV = IOV x RLS
For RLS = 2 M
Ω
VUV = 100 VDC
VOV = 450 VDC
DCMAX@100 VDC = 78%
DCMAX@375 VDC = 47%
CONTROL
RLS
2 M
Ω
Typical Uses of MULTI-FUNCTION (M) Pin
Figure 18. Current Limit Reduction with Line Voltage.
PI-2518-040401
DC
Input
Voltage
+
-
DM
S
C
CONTROL
RIL
RLS
2.5 M
Ω
6 k
Ω
90% @ 100 VDC
55% @ 300 VDC
ILIMIT =
ILIMIT =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com