Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP233Y Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # TOP233Y
Description  TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

TOP233Y Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button TOP233Y Datasheet HTML 7Page - Power Analog Micoelectronics TOP233Y Datasheet HTML 8Page - Power Analog Micoelectronics TOP233Y Datasheet HTML 9Page - Power Analog Micoelectronics TOP233Y Datasheet HTML 10Page - Power Analog Micoelectronics TOP233Y Datasheet HTML 11Page - Power Analog Micoelectronics TOP233Y Datasheet HTML 12Page - Power Analog Micoelectronics TOP233Y Datasheet HTML 13Page - Power Analog Micoelectronics TOP233Y Datasheet HTML 14Page - Power Analog Micoelectronics TOP233Y Datasheet HTML 15Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TOP232-234
B
7/01
11
Figure 12. Half Frequency Standby Mode (For High Standby
Efficiency).
Figure 10. Full Frequency Operation (132 kHz).
Figure 11. Half Frequency Operation (66 kHz).
Typical Uses of FREQUENCY (F) Pin
PI-2505-081199
DC
Input
Voltage
+
-
D
S
C
CONTROL
F
PI-2506-081199
DC
Input
Voltage
+
-
D
S
C
CONTROL
F
PI-2507-040401
DC
Input
Voltage
+
-
D
S
C
STANDBY
QS can be an optocoupler output.
CONTROL
F
20 k
Ω
RHF
1 nF
QS
47 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com