Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT14ARZ-RL Datasheet(PDF) 5 Page - Analog Devices

Part # MAT14ARZ-RL
Description  Matched Monolithic Quad Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT14ARZ-RL Datasheet(HTML) 5 Page - Analog Devices

  MAT14ARZ-RL Datasheet HTML 1Page - Analog Devices MAT14ARZ-RL Datasheet HTML 2Page - Analog Devices MAT14ARZ-RL Datasheet HTML 3Page - Analog Devices MAT14ARZ-RL Datasheet HTML 4Page - Analog Devices MAT14ARZ-RL Datasheet HTML 5Page - Analog Devices MAT14ARZ-RL Datasheet HTML 6Page - Analog Devices MAT14ARZ-RL Datasheet HTML 7Page - Analog Devices MAT14ARZ-RL Datasheet HTML 8Page - Analog Devices MAT14ARZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MAT14
Rev. A | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
300
400
500
600
700
380
480
580
680
360
460
560
660
340
440
540
640
320
420
520
620
0.001
0.01
0.1
1
COLLECTOR CURRENT (mA)
TA = 25°C
TA = 85°C
TA = 125°C
Figure 2. Current Gain vs. Collector Current
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
300
400
500
600
700
380
480
580
680
360
460
560
660
340
440
540
640
320
420
520
620
VCB = 0V
VCB = 20V
Figure 3. Current Gain vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
12
COLLECTOR CURRENT (IC)
NOISE = 100Hz
NOISE = 10Hz
Figure 4. Voltage Noise Density vs. Collector Current
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.001
0.01
0.1
1
10
COLLECTOR CURRENT (mA)
Figure 5. Base Emitter-On-Voltage vs. Collector Current
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
COLLECTOR CURRENT (mA)
Figure 6. Small Signal Input Resistance vs. Collector Current
0.01µ
0.1µ
1µ
0.01m
0.1m
1m
1µ
0.01m
0.1m
1m
0.01
0.1
1
COLLECTOR CURRENT (A)
Figure 7. Small Signal Output Conductance vs. Collector Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com