Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB100SN4D Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB100SN4D
Description  EMIFIL (Inductor type) Chip Ferrite Bead (Array) BLA2AA/BLA2AB Series (0804 Size)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB100SN4D Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  BLA2ABB100SN4D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
3
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead (Array)
2012.9.6
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
Continued from the preceding page.
c Impedance-Frequency Characteristics
BLA2AAG102SN4
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
1250
750
1000
500
250
0
c Impedance-Frequency Characteristics
BLA2ABD750SN4
1
10
100
1000
3000
Frequency (MHz)
0
50
100
150
200
Z
R
X
c Impedance-Frequency Characteristics
BLA2ABD121SN4
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
60
120
180
240
300
c Impedance-Frequency Characteristics
BLA2ABD221SN4
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
100
200
300
400
500
c Impedance-Frequency Characteristics
BLA2ABD471SN4
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
Z
R
X
c Impedance-Frequency Characteristics
BLA2ABD601SN4
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
1000
Z
X
R
Continued on the following page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com