Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABD221SN4J Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABD221SN4J
Description  EMIFIL (Inductor type) Chip Ferrite Bead (Array) BLA2AA/BLA2AB Series (0804 Size)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABD221SN4J Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  BLA2ABD221SN4J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLA2ABD221SN4J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLA2ABD221SN4J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLA2ABD221SN4J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLA2ABD221SN4J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead (Array)
2012.9.6
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
EMIFIL
r (Inductor type) Chip Ferrite Bead (Array)
BLA2AA/BLA2AB Series (0804 Size)
c Dimensions
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
2.0±0.2
0.25±0.15
0.5±0.1
(in mm)
: Electrode
c Equivalent Circuit
No polarity.
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
c Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
10000
J
330mm Paper Tape
50000
B
Bulk(Bag)
1000
c Rated Value (p: packaging code)
Part Number
Impedance
(at 100MHz/20°C)
Impedance
(at 1GHz/20°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLA2AAG121SN4
p
120ohm ±25%
-
100mA
0.50ohm max.
-55 to +125°C
BLA2AAG221SN4
p
220ohm ±25%
-
50mA
0.70ohm max.
-55 to +125°C
BLA2AAG601SN4
p
600ohm ±25%
-
50mA
1.10ohm max.
-55 to +125°C
BLA2AAG102SN4
p
1000ohm ±25%
-
50mA
1.30ohm max.
-55 to +125°C
BLA2ABD750SN4
p
75ohm ±25%
-
200mA
0.20ohm max.
-55 to +125°C
BLA2ABD121SN4
p
120ohm ±25%
-
200mA
0.35ohm max.
-55 to +125°C
BLA2ABD221SN4
p
220ohm ±25%
-
100mA
0.40ohm max.
-55 to +125°C
BLA2ABD471SN4
p
470ohm ±25%
-
100mA
0.65ohm max.
-55 to +125°C
BLA2ABD601SN4
p
600ohm ±25%
-
100mA
0.80ohm max.
-55 to +125°C
BLA2ABD102SN4
p
1000ohm ±25%
-
50mA
1.00ohm max.
-55 to +125°C
BLA2ABB100SN4
p
10ohm ±25%
-
200mA
0.1ohm max.
-55 to +125°C
BLA2ABB220SN4
p
22ohm ±25%
-
200mA
0.2ohm max.
-55 to +125°C
BLA2ABB470SN4
p
47ohm ±25%
-
200mA
0.35ohm max.
-55 to +125°C
BLA2ABB121SN4
p
120ohm ±25%
-
50mA
0.60ohm max.
-55 to +125°C
BLA2ABB221SN4
p
220ohm ±25%
-
50mA
0.90ohm max.
-55 to +125°C
Number of Circuits: 4
Continued on the following page.


Similar Part No. - BLA2ABD221SN4J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLA2ABD221SN4J MURATA1-BLA2ABD221SN4J Datasheet
274Kb / 4P
BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body with 0.5mm pitch
Last updated06/21/2022
More results

Similar Description - BLA2ABD221SN4J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15BD750SN1D MURATA-BLM15BD750SN1D Datasheet
242Kb / 6P
EMIFIL (Inductor type) Chip Ferrite Bead BLM15B Series (0402 Size)
BLM41PG600SN1L MURATA-BLM41PG600SN1L_12 Datasheet
160Kb / 4P
EMIFIL (Inductor type) Chip Ferrite Bead BLM41P Series (1806 Size)
BLA31AG300SN4D MURATA-BLA31AG300SN4D Datasheet
133Kb / 4P
EMIFIL (Inductor type) Chip Ferrite Bead (Array) BLA31A/BLA31B Series (1206 Size)
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM15AX100SN1 MURATA-BLM15AX100SN1 Datasheet
106Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM03AX MURATA-BLM03AX Datasheet
90Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM15AG601AN1B MURATA1-BLM15AG601AN1B Datasheet
56Kb / 2P
EMIFIL (Inductor type) Chip Ferrite Bead
2011.5.12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com