Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABD471SN4J Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABD471SN4J
Description  EMIFIL (Inductor type) Chip Ferrite Bead (Array) BLA2AA/BLA2AB Series (0804 Size)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABD471SN4J Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  BLA2ABD471SN4J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead (Array)
2012.9.6
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
Continued from the preceding page.
c Impedance-Frequency Characteristics (Main Items)
BLA2AAG Series
Frequency (MHz)
1
10
100
1000
3000
1200
900
600
300
0
BLA2AAG601SN
BLA2AAG102SN4
BLA2AAG221SN4
BLA2AAG121SN4
c Impedance-Frequency Characteristics (Main Items)
BLA2ABD Series
Frequency (MHz)
1
10
100
1000
3000
1600
1200
800
400
0
BLA2ABD102SN4
BLA2ABD601SN4
BLA2ABD471SN4
BLA2ABD221SN4
BLA2ABD121SN4
BLA2ABD750SN4
c Impedance-Frequency Characteristics (Main Items)
BLA2ABB Series
Frequency (MHz)
1
10
100
1000
3000
0
200
400
600
800
1000
BLA2ABB121SN4
BLA2ABB221SN4
BLA2ABB220SN4
BLA2ABB100SN4
BLA2ABB470SN4
c Impedance-Frequency Characteristics
BLA2AAG121SN4
1
10
100
1000
3000
Frequency (MHz)
200
160
120
80
40
0
Z
R
X
c Impedance-Frequency Characteristics
BLA2AAG221SN4
1
10
100
1000
3000
Frequency (MHz)
400
300
200
100
0
Z
R
X
c Impedance-Frequency Characteristics
BLA2AAG601SN4
1
10
100
1000
3000
Frequency (MHz)
1000
800
600
400
200
0
Z
X
R
Continued on the following page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com