Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6061 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6061
Description  60 關A, High Precision Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6061 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6061 Datasheet HTML 9Page - Microchip Technology MCP6061 Datasheet HTML 10Page - Microchip Technology MCP6061 Datasheet HTML 11Page - Microchip Technology MCP6061 Datasheet HTML 12Page - Microchip Technology MCP6061 Datasheet HTML 13Page - Microchip Technology MCP6061 Datasheet HTML 14Page - Microchip Technology MCP6061 Datasheet HTML 15Page - Microchip Technology MCP6061 Datasheet HTML 16Page - Microchip Technology MCP6061 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
© 2010 Microchip Technology Inc.
DS22189B-page 13
MCP6061/2/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs
The output pins are low-impedance voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs are high-
impedance CMOS inputs with low bias currents.
3.3
Power Supply Pins
The positive power supply (VDD) is 1.8V to 6.0V higher
than the negative power supply (VSS). For normal
operation, the other pins are at voltages between VSS
and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
3.4
Exposed Thermal Pad (EP)
There is an internal electrical connection between the
Exposed Thermal Pad (EP) and the VSS pin; they must
be connected to the same potential on the Printed
Circuit Board (PCB).Frequency (Hz)
MCP6061
MCP6062
MCP6064
Symbol
Description
SOIC
SOT-23-5 2x3 TDFN
SOIC
2x3 TDFN
SOIC,
TSSOP
6
1
611
1
VOUT, VOUTA
Analog Output (op amp A)
2
4
222
2
VIN–, VINA–
Inverting Input (op amp A)
3
3
333
3
VIN+, VINA+
Non-inverting Input (op amp A)
7
5
788
4
VDD
Positive Power Supply
——
—
5
5
5
VINB+
Non-inverting Input (op amp B)
——
—
6
6
6
VINB–
Inverting Input (op amp B)
——
—
7
7
7
VOUTB
Analog Output (op amp B)
—
—
———
8
VOUTC
Analog Output (op amp C)
—
—
———
9
VINC–
Inverting Input (op amp C)
—
—
———
10
VINC+
Non-inverting Input (op amp C)
4
2
444
11
VSS
Negative Power Supply
—
—
———
12
VIND+
Non-inverting Input (op amp D)
—
—
———
13
VIND–
Inverting Input (op amp D)
—
—
———
14
VOUTD
Analog Output (op amp D)
1, 5, 8
—
1, 5, 8
—
—
—
NC
No Internal Connection
—
—
9
—
9
—
EP
Exposed Thermal Pad (EP);
must be connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com