Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLM18HB331SN1J Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HB331SN1J
Description  EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise BLM18H Series (0603 Size)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HB331SN1J Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  BLM18HB331SN1J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1J Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
5
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead for GHz Noise
2011.11.2
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
Continued from the preceding page.
c Impedance-Frequency Characteristics
BLM18HB331SN1
1
10
100
1000
3000
Frequency (MHz)
1800
1500
1200
900
300
600
0
Z
R
X
c Impedance-Frequency Characteristics
BLM18HK331SN1
1
10
100
1000
3000
Frequency (MHz)
0
600
450
300
150
Z
R
X
c Impedance-Frequency Characteristics
BLM18HK471SN1
1
10
100
1000
3000
Frequency (MHz)
0
750
600
450
300
150
Z
R
X
c Impedance-Frequency Characteristics
BLM18HK601SN1
1
10
100
1000
3000
Frequency (MHz)
0
1000
600
800
400
200
Z
R
X
c Impedance-Frequency Characteristics
BLM18HK102SN1
1
10
100
1000
3000
Frequency (MHz)
0
1500
1250
750
1000
250
500
Z
R
X
Continued on the following page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com