Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2030
Description  14 W hi-fi audio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2030_05 Datasheet HTML 1Page - STMicroelectronics TDA2030_05 Datasheet HTML 2Page - STMicroelectronics TDA2030_05 Datasheet HTML 3Page - STMicroelectronics TDA2030_05 Datasheet HTML 4Page - STMicroelectronics TDA2030_05 Datasheet HTML 5Page - STMicroelectronics TDA2030_05 Datasheet HTML 6Page - STMicroelectronics TDA2030_05 Datasheet HTML 7Page - STMicroelectronics TDA2030_05 Datasheet HTML 8Page - STMicroelectronics TDA2030_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TDA2030
Electrical specifications
Doc ID 1458 Rev 3
3/17
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
Refer to the test circuit in Figure 3; VS = ±14 V, Tamb = 25°C unless otherwise specified.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vs
Supply voltage
±18 (36)
V
Vi
Input voltage
Vs
Vi
Differential input voltage
±15
V
Io
Output peak current internally limited)
3.5
A
Ptot
Power dissipation at Tcase = 90 °C
20
W
Tstg, Tj
Storage and junction temperature
-40 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-case
Thermal resistance junction-case
max 3
C
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vs
Supply voltage
± 6
12
± 18
36
V
Id
Quiescent drain current
Vs = ± 18 (Vs = 36)
40
60
mA
Ib
Input bias current
0.2
2
μA
VOS
Input offset voltage
± 2
± 20
mV
IOS
Input offset current
± 20
± 200
nA
Po
Output power
d = 0.5%, f = 40 to 15,000 Hz;
GV = 30 dB
RL = 4 Ω
RL = 8 Ω
12
8
14
9
W
W
d = 10%, f =1 kHz; GV = 30 dB
RL = 4 Ω
RL = 8 Ω
12
8
14
9
W
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com