Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 1 Page - First Components International

Part # LL4148
Description  High S peed Switc hing Diode 500mW Surface Mounted P L AN A R P R OC E S S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LL4148 Datasheet(HTML) 1 Page - First Components International

  LL4148 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
F e a ture s
# E L E C T R I C A L LY I DE N T I C A L T O
J E DE C 1 N 4 1 4 8
# 50 0 m W P OW E R DI S S I PAT I ON
Description
Me c ha nic a l Dim e ns ions
# I N DU S T R Y S T A N DA R D DO -2 1 3 A A
P A C K A G E /F O O T P R I N T
# P L A N A R P R O C E S S
E le c tr ic a l C h a r a c te r is tic s @ 2 5 O C .
Maximum Ratings
Peak Reverse Voltage...V
RM
RMS Reverse Voltage...V
R(rms)
Data Sheet
Units
LL4148
100
7 5
Volts
Volts
Peak Forward Current...I
F
Peak Forward Surge Current...I
FSM
Forward Voltage...V
F
@ I
F = 10 mA
DC Reverse Current...I
R
@ V
R = 75v
Power Dissipation...P
D
Typical Junction Capacitance...C
J
Reverse Recovery Time...T
RR
Operating Temperature...T
J
Storage Temperature Range...T
STRG
............................................. 200 ...............................................
............................................. 2000 ...............................................
mAmps
mAmps
Volts
µAmps
mW
pF
nS
°C
°C
P
VV = 100nS
50 Ohms
5K Ohms
R
G = 50 Ohms
. 01 uF
I
F
Output
Trr
I
R
0. 1 I
R
Device Under T
Device Under T
Device Under T
Device Under T
Device Under Test
est
est
est
est
............................................. 1. 0 ...............................................
............................................. 5. 0 ...............................................
............................................. 500 ...............................................
.............................................
4 ...............................................
.............................................
4 ...............................................
............................................. 175 ...............................................
.....................................
-55 to 150
......................................
High S peed S w itc hing Diode
MINIMELF(DO-213AA)
500mW Surface Mounted


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Won-Top Electronics
LL4148 WTE-LL4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI42C ETL-GI42C Datasheet
146Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ42C ETL-GJ42C Datasheet
130Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GLA94 ETL-GLA94 Datasheet
177Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S TO R
GM649A ETL-GM649A Datasheet
482Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S TO R
GM1426 ETL-GM1426 Datasheet
179Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S T O R
GMA42M ETL-GMA42M Datasheet
248Kb / 2P
N P N P L A S T I - E N C A P S U L AT E T R A N S I S T O R
GMA64 ETL-GMA64 Datasheet
226Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S TO R
GMA94 ETL-GMA94 Datasheet
234Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S TO R
GSMBT2907A ETL-GSMBT2907A Datasheet
149Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S T O R
GN809 ETL-GN809 Datasheet
378Kb / 4P
 P r o c e s s o r S u p e r v i s o r y
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com