Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 4 Page - First Components International

Part # LM2575
Description  1.0A Step - Down Voltage Switching Regulators 1A output current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2575 Datasheet(HTML) 4 Page - First Components International

  LM2575 Datasheet HTML 1Page - First Components International LM2575 Datasheet HTML 2Page - First Components International LM2575 Datasheet HTML 3Page - First Components International LM2575 Datasheet HTML 4Page - First Components International LM2575 Datasheet HTML 5Page - First Components International LM2575 Datasheet HTML 6Page - First Components International LM2575 Datasheet HTML 7Page - First Components International LM2575 Datasheet HTML 8Page - First Components International LM2575 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
ELECTRICAL CHARACTERISTICS:
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Output Voltage
Output Voltage
Efficiency
V = 12V, I
= 0.2A
IN
LOAD
V = 12V, I
= 1A
IN
LOAD
V
OUT
V
OUT
h
3.234
3.168/3.135
-
3.3
3.3
75
3.366
3.432/3.465
-
V
%
V
4.75V V
40V, 0.2A I
1A
IN
LOAD
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Output Voltage
Output Voltage
Efficiency
V = 12V, I
= 0.2A
L
IN
OAD
V = 12V, I
= 1A
IN
LOAD
V
OUT
V
OUT
h
4.900
4.800/4.750
-
5.0
5.0
77
5.100
5.200/5.250
-
V
%
V
ELECTRICAL CHARACTERISTICS:
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
8V V
40V, 0.2A I
1A
IN
LOAD
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Output Voltage
Output Voltage
Efficiency
V = 25V, I
= 0.2A
IN
LOAD
V = 15V, I
= 1A
IN
LOAD
V
OUT
V
OUT
h
11.76
11.52/11.40
-
12.0
12.0
88
12.24
12.48/12.60
-
V
%
V
ELECTRICAL CHARACTERISTICS:
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
15V V
40V, 0.2A I
1A
IN
LOAD
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Feedback Voltage
Feedback Voltage
Efficiency
V = 30V, I
= 0.2A
IN
LOAD
V = 18V, I
= 1A
IN
LOAD
V
OUT
V
OUT
h
14.70
14.40/14.25
-
15.0
15.0
88
15.30
15.60/15.75
-
V
%
V
ELECTRICAL CHARACTERISTICS:
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
18V V
40V, 0.2A I
1A
IN
LOAD
ELECTRICAL CHARACTERISTICS:
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
Conditions
Symbol
Min
Typ
Max
Unit
V = 12V, I
= 0.2A, V
= 5V
IN
LOAD
OUT
V = 12V, I
= 1.0A,
=5V
IN
LOAD
V
OUT
V
OUT
V
OUT
h
1.217
1.193/1.180
-
1.230
1.230
77
1.243
1.267/1.280
-
V
%
V
Parameter
Feedback Voltage
Feedback Voltage
Efficiency
8V V
40V, 0.2A I
1A
IN
LOAD
V
= 5V
OUT
LM2575-3.3
LM2575-5.0
LM2575-12
LM2575-15
LM2575-adj
LM2575 1.0A Step - Down Voltage Switching Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com