Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9930-12-R Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9930-12-R
Description  Banana Plug to Banana Plug Cable 12 Inch Length Using Red Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9930-12-R Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9930-12-R Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9930-12-R Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Banana Plug to Banana Plug Cable 12 Inch Length Using Red Wire
Configuration
Connector 1
Banana Plug
Connector 2
Banana Plug
Cable Type
Red Wire
Mechanical Specifications
Cable Assembly
Cable Type
Red Wire
Size
Length, in [mm]
12 [304.8]
Diameter, in [mm]
0.15 [3.81]
.
Weight, lbs [g]
0.017 [7.71]
Cable Color
Red
Cable
Jacket Material
Rubber
Jacket Diameter, in [mm]
0.15 [3.81]
Connector 1
Type
Banana Plug
Configuration
Straight
Connector 2
Type
Banana Plug
Configuration
Straight
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Banana Plug to Banana Plug Cable 12 Inch Length Using Red Wire from Pasternack Enterprises has same day shipment
fordomesticandInternationalorders.OurRF,microwaveandfiberopticproductsmaintaina99%availabilityandarepartof
the broadest selection in the industry.
Clickthefollowinglink(orenterpartnumberin“SEARCH”onwebsite)toobtainadditionalpartinformationincludingprice,
inventoryandcertifications: BananaPlugtoBananaPlugCable12InchLengthUsingRedWirePE9930-12-R
URL:
http://www.pasternack.com/banana-plug-banana-plug-red-wire-cable-assembly-pe9930-12-r-p.aspx
PE9930-12-RREV
PE9930-12-R
Banana Plug to Banana Plug Cable 12
Inch Length Using Red Wire


Similar Part No. - PE9930-12-R

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9930-12-B PASTERNACK-PE9930-12-B Datasheet
148Kb / 1P
SINGLE WIRE PATCH CORD STACKING BANANA PLUG TO STACKING BANANA PLUG
More results

Similar Description - PE9930-12-R

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1368 POMONA-1368 Datasheet
39Kb / 1P
Double Banana Plug To Single Banana Plug Breakouts
3014 POMONA-3014 Datasheet
26Kb / 1P
Stacking Banana Plug To Miniature Stacking Banana Plug
logo
Pasternack Enterprises,...
PE9930-18-R PASTERNACK-PE9930-18-R Datasheet
148Kb / 1P
SINGLE WIRE PATCH CORD STACKING BANANA PLUG TO STACKING BANANA PLUG
PE9930-24-B PASTERNACK-PE9930-24-B Datasheet
263Kb / 2P
Banana Plug to Banana Plug Cable 24 Inch Length Using Black Wire
PE9930-24-R PASTERNACK-PE9930-24-R Datasheet
263Kb / 2P
Banana Plug to Banana Plug Cable 24 Inch Length Using Red W
PE9930-12-B PASTERNACK-PE9930-12-B Datasheet
148Kb / 1P
SINGLE WIRE PATCH CORD STACKING BANANA PLUG TO STACKING BANANA PLUG
PE9930-36-B PASTERNACK-PE9930-36-B Datasheet
263Kb / 2P
Banana Plug to Banana Plug Cable 36 Inch Length Using Black Wire
PE9930-36-R PASTERNACK-PE9930-36-R Datasheet
263Kb / 2P
Banana Plug to Banana Plug Cable 36 Inch Length Using Red Wire
PE9930-72-B PASTERNACK-PE9930-72-B Datasheet
263Kb / 2P
Banana Plug to Banana Plug Cable 72 Inch Length Using Black Wire
PE9930-72-R PASTERNACK-PE9930-72-R Datasheet
265Kb / 2P
Banana Plug to Banana Plug Cable 72 Inch Length Using Red Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com