Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBFR3523P Datasheet(PDF) 1 Page - First Components International

Part # PBFR3523P
Description  35Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

PBFR3523P Datasheet(HTML) 1 Page - First Components International

  PBFR3523P Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Average Forward Current, Io at Tc=150C
60HZ, Resistive Or Inductive Load
BREAKDOWN VOLTAGE(1) AVALANCHE
VBR
PULSE TEST:PULAE WIDTH<=30uS, DUTY CYCLE<=2.0%
Max. Inst Forward Voltage Drop. VF at 80Amp
VF
Peak Forward Surge Current, IFM(surge):
8.3ms. Single Half Sine-Wave
A
IFSM
Superimposed On Rated Load (JEDEC method)
Maximum Reverse Current IR At Rated DC
Reverse Voltage=20V. TC= 25C
Maximum Reverse Current IR At Rated DC
Reverse Voltage=16/20/33. TC=100C
Maximum Thermal Resistance, Junction To Case
(single side cooled)
Operating And Storage Temperature Range
C/W
-65 to +175
uA
uA
IF
Electrical Characteristics@25C
Data Sheet
AVALANCHE Automotive Rectifiers
35Amp Bosch Type Pressfit
MECHANICAL DIMENSIONS
DESCRIPTION
BOSCH TYPE PRESS-FIT
35
20~26
24~32
39~47
1.18
400
0.2
200
1.5
PBFR3523P
PBFR3535P
PBFR3543P
PBFR3523N
PBFR3535N
PBFR3543N
C
NOTE:
1.PBFR3523P Positive(Forward),(+)
Cathode To Case, Color Code Red
2.PBFR3523N Negative(Reverse),(-)
Anode To Case,Color Code Black
Features
Low Cost
Super Cool
Long life Features
High Current Capability
Unit
V(DC)
V
A(DC)
Symbol
IR
IR
Tj; Tstrg
R0JA
-
M(IR=100mADC, Tc=25C)


Similar Part No. - PBFR3523P

ManufacturerPart #DatasheetDescription
logo
FCI connector
PBFR3523-43 FCI-CONNECTOR-PBFR3523-43 Datasheet
236Kb / 1P
35Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
More results

Similar Description - PBFR3523P

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
APRB40Z MIC-APRB40Z Datasheet
32Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
PRBA40M MIC-PRBA40M Datasheet
38Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
PRBA40Z MIC-PRBA40Z Datasheet
38Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
logo
FCI connector
PBFR3523-43 FCI-CONNECTOR-PBFR3523-43 Datasheet
236Kb / 1P
35Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
PBFR5023-43 FCI-CONNECTOR-PBFR5023-43 Datasheet
156Kb / 1P
50Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
PIFR3501 FCI-CONNECTOR-PIFR3501 Datasheet
232Kb / 1P
35Amp Insulate Flag Pressfit Automotive Rectifiers
logo
First Components Intern...
PBFR5023P FCI-PBFR5023P Datasheet
156Kb / 1P
50Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
logo
FCI connector
PBFR3501 FCI-CONNECTOR-PBFR3501 Datasheet
236Kb / 1P
35Amp Bosch Type Pressfit Automotive Rectifiers
logo
First Components Intern...
PBFR3501 FCI-PBFR3501 Datasheet
236Kb / 1P
35Amp Bosch Type Pressfit Automotive Rectifiers
PBFR5001 FCI-PBFR5001 Datasheet
211Kb / 1P
50Amp Bosch Type Pressfit Automotive Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com