Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC27L2ACPE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC27L2ACPE4
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L2ACPE4 Datasheet(HTML) 2 Page - Texas Instruments

  TLC27L2ACPE4 Datasheet HTML 1Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 2Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 3Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 4Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 5Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 6Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 7Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 8Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
These devices use Texas Instruments silicon-gate LinCMOS
 technology, which provides offset voltage
stability far exceeding the stability available with conventional metal-gate processes.
The extremely high input impedance, low bias currents, and low power consumption make these cost-effective
devices ideal for high gain, low frequency, low power applications. Four offset voltage grades are available
(C-suffix and I-suffix types), ranging from the low-cost TLC27L2 (10 mV) to the high-precision TLC27L7
(500
µV). These advantages, in combination with good common-mode rejection and supply voltage rejection,
make these devices a good choice for new state-of-the-art designs as well as for upgrading existing designs.
In general, many features associated with bipolar technology are available in LinCMOS
 operational amplifiers,
without the power penalties of bipolar technology. General applications such as transducer interfacing, analog
calculations, amplifier blocks, active filters, and signal buffering are easily designed with the TLC27L2 and
TLC27L7. The devices also exhibit low voltage single-supply operation and ultra-low power consumption,
making them ideally suited for remote and inaccessible battery-powered applications. The common-mode input
voltage range includes the negative rail.
A wide range of packaging options is available, including small-outline and chip-carrier versions for high-density
system applications.
The device inputs and outputs are designed to withstand − 100-mA surge currents without sustaining latch-up.
The TLC27L2 and TLC27L7 incorporate internal ESD-protection circuits that prevent functional failures at
voltages up to 2000 V as tested under MIL-STD-883C, Method 3015.2; however, care should be exercised in
handling these devices as exposure to ESD may result in the degradation of the device parametric performance.
The C-Suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from − 40
°C to 85°C. The M-suffix devices are characterized for operation over the full military
temperature range of − 55
°C to 125°C.
equivalent schematic (each amplifier)
P5
P6
OUT
N7
N6
R7
N4
C1
R5
N3
GND
N2
D2
R4
D1
R3
N1
IN +
IN −
P1
R1
P2
R2
N5
R6
P3
P4
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com