Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 94 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 90Page - Texas Instruments OMAP3530ECBB Datasheet HTML 91Page - Texas Instruments OMAP3530ECBB Datasheet HTML 92Page - Texas Instruments OMAP3530ECBB Datasheet HTML 93Page - Texas Instruments OMAP3530ECBB Datasheet HTML 94Page - Texas Instruments OMAP3530ECBB Datasheet HTML 95Page - Texas Instruments OMAP3530ECBB Datasheet HTML 96Page - Texas Instruments OMAP3530ECBB Datasheet HTML 97Page - Texas Instruments OMAP3530ECBB Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 264 page
background image
2.5 Signal Description
2.5.1
External Memory Interfaces
OMAP3530/25 Applications Processor
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
www.ti.com
Many signals are available on multiple pins according to the software configuration of the pin multiplexing
options.
1. SIGNAL NAME: The signal name
2. DESCRIPTION: Description of the signal
3. TYPE: Type = Ball type for this specific function:
–
I = Input
–
O = Output
–
Z = High-impedance
–
D = Open Drain
–
DS = Differential
–
A = Analog
4. BALL BOTTOM: Associated ball(s) bottom
5. BALL TOP: Associated ball(s) top
6. SUBSYSTEM PIN MULTIPLEXING: Contains a list of the pin multiplexing options at the
module/subsystem level. The pin function is selected at the module/system level.
Note: The Subsystem Multiplexing Signals are not described in the following tables.
Table 2-5. External Memory Interfaces – GPMC Signals Description
SIGNAL NAME
DESCRIPTION [2]
TYPE
BALL
BALL
BALL BOTTOM
BALL TOP
BALL
SUBSYSTEM
[1]
[3]
BOTTOM
TOP
(CBC Pkg.) [4]
(CBC Pkg.) [5]
BOTTOM
PIN
(CBB
(CBB
(CUS
MULTIPLEXING
Pkg.) [4]
Pkg.) [5]
Pkg.) [4]
[6]
gpmc_a1
General-purpose memory address
O
N4 / K1
AC15 / M2
J2 / AA2
NA / U2
K4/ L2
/ gpmc_d0
bit 1
gpmc_a2
General-purpose memory address
O
M4 / L1
AB15 / M1
H1 / AA1
NA / U1
K3/ M1
gpmc_a18/
bit 2
gpmc_d1
gpmc_a3
General-purpose memory address
O
L4 / L2
AC16 / N2
H2 / AC2
NA / V2
K2/ M2
gpmc_a19/
bit 3
gpmc_d2
gpmc_a4
General-purpose memory address
O
K4 / P2
AB16 / N1
G2 / AC1
NA / V1
J4/ N2
gpmc_a20/
bit 4
gpmc_d3
gpmc_a5
General-purpose memory address
O
T3 / T1
AC17 / R2
F1 / AE5
NA / AA3
J3/ M3
gpmc_a21/
bit 5
gpmc_d4
gpmc_a6
General-purpose memory address
O
R3 / V1
AB17 / R1
F2 / AD6
NA / AA4
J2/ P1
gpmc_a22/
bit 6
gpmc_d5
gpmc_a7
General-purpose memory address
O
N3 / V2
AC18 / T2
E1 / AD5
NA / Y3
J1/ P2
gpmc_a23/
bit 7
gpmc_d6
gpmc_a8
General-purpose memory address
O
M3 / W2
AB18 / T1
E2 / AC5
NA / Y4
H1/ R1
gpmc_a24/
bit 8
gpmc_d7
gpmc_a9
General-purpose memory address
O
L3 / H2
AC19 /
D1 / V1
NA / R1
H2/ R2
gpmc_a25/
bit 9
AB3
gpmc_d8
gpmc_a10
General-purpose memory address
O
K3 / K2
AB19 /
D2 / Y1
T1
G2/ T2
gpmc_a26/
bit 10
AC3
gpmc_d9
gpmc_a11
General-purpose memory address
O
P1
AB4
T1
N1
U1
gpmc_d10
bit 11
gpmc_a12
General-purpose memory address
O
R1
AC4
U2
P2
R3
gpmc_d11
bit 12
gpmc_a13
General-purpose memory address
O
R2
AB6
U1
P1
T3
gpmc_d12
bit 13
gpmc_a14
General-purpose memory address
O
T2
AC6
P1
M1
U2
gpmc_d13
bit 14
gpmc_a15
General-purpose memory address
O
W1
AB7
L2
J2
V1
gpmc_d14
bit 15
gpmc_a16
General-purpose memory address
O
Y1
AC7
M2
K2
V2
gpmc_d15
bit 16
TERMINAL DESCRIPTION
94
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com