Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBC72 Datasheet(PDF) 2 Page - Texas Instruments

Part # OMAP3530ECBC72
Description  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC72 Datasheet(HTML) 2 Page - Texas Instruments

  OMAP3530ECBC72 Datasheet HTML 1Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 2Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 3Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 4Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 5Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 6Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 7Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 8Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 264 page
background image
OMAP3530/25 Applications Processor
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
www.ti.com
16K-Byte Data Cache (4-Way
• Up to 24-Bit RGB
Set-Associative)
• HD Maximum Resolution
256K-Byte L2 Cache
• Supports Up to 2 LCD Panels
• 112K-Byte ROM
• Support for Remote Frame Buffer
Interface (RFBI) LCD Panels
• 64K-Byte Shared SRAM
2 10-Bit Digital-to-Analog Converters
• Endianess:
(DACs) Supporting:
ARM Instructions - Little Endian
• Composite NTSC/PAL Video
ARM Data – Configurable
• Luma/Chroma Separate Video (S-Video)
DSP Instruction/Data - Little Endian
Rotation 90-, 180-, and 270-degrees
• External Memory Interfaces:
Resize Images From 1/4x to 8x
SDRAM Controller (SDRC)
Color Space Converter
• 16, 32-bit Memory Controller With
8-bit Alpha Blending
1G-Byte Total Address Space
• Serial Communication
• Interfaces to Low-Power Double Data
5 Multichannel Buffered Serial Ports
Rate (LPDDR) SDRAM
(McBSPs)
• SDRAM Memory Scheduler (SMS) and
• 512 Byte Transmit/Receive Buffer
Rotation Engine
(McBSP1/3/4/5)
General Purpose Memory Controller
• 5K-Byte Transmit/Receive Buffer
(GPMC)
(McBSP2)
• 16-bit Wide Multiplexed Address/Data
• SIDETONE Core Support (McBSP2 and 3
Bus
Only) For Filter, Gain, and Mix
• Up to 8 Chip Select Pins With 128M-Byte
Operations
Address Space per Chip Select Pin
• Direct Interface to I2S and PCM Device
• Glueless Interface to NOR Flash, NAND
and TDM Buses
Flash (With ECC Hamming Code
• 128 Channel Transmit/Receive Mode
Calculation), SRAM and Pseudo-SRAM
Four Master/Slave Multichannel Serial Port
• Flexible Asynchronous Protocol Control
Interface (McSPI) Ports
for Interface to Custom Logic (FPGA,
High-Speed/Full-Speed/Low-Speed USB
CPLD, ASICs, etc.)
OTG Subsystem (12-/8-Pin ULPI Interface)
• Nonmultiplexed Address/Data Mode
High-Speed/Full-Speed/Low-Speed
(Limited 2K-Byte Address Space)
Multiport USB Host Subsystem
• System Direct Memory Access (sDMA)
• 12-/8-Pin ULPI Interface or 6-/4-/3-Pin
Controller (32 Logical Channels With
Serial Interface
Configurable Priority)
• Supports Transceiverless Link Logic
• Camera Image Signal Processing (ISP)
(TLL)
CCD and CMOS Imager Interface
One HDQ/1-Wire Interface
Memory Data Input
Three UARTs (One with Infrared Data
RAW Data Interface
Association [IrDA] and Consumer Infrared
BT.601/BT.656 Digital YCbCr 4:2:2
[CIR] Modes)
(8-/10-Bit) Interface
Three Master/Slave High-Speed
A-Law Compression and Decompression
Inter-Integrated Circuit (I2C) Controllers
Preview Engine for Real-Time Image
• Removable Media Interfaces:
Processing
Three Multimedia Card (MMC)/ Secure
Glueless Interface to Common Video
Digital (SD) With Secure Data I/O (SDIO)
Decoders
• Comprehensive Power, Reset, and Clock
Histogram Module/Auto-Exposure,
Management
Auto-White Balance, and Auto-Focus
SmartReflex™ Technology
Engine
Dynamic Voltage and Frequency Scaling
Resize Engine
(DVFS)
• Resize Images From 1/4x to 4x
• Test Interfaces
• Separate Horizontal/Vertical Control
IEEE-1149.1 (JTAG) Boundary-Scan
• Display Subsystem
Compatible
Parallel Digital Output
OMAP3530/25 Applications Processor
CopyrightNote
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com