Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2425CDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLE2425CDRG4
Description  PRECISION VIRTUAL GROUND
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2425CDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLE2425CDRG4 Datasheet HTML 3Page - Texas Instruments TLE2425CDRG4 Datasheet HTML 4Page - Texas Instruments TLE2425CDRG4 Datasheet HTML 5Page - Texas Instruments TLE2425CDRG4 Datasheet HTML 6Page - Texas Instruments TLE2425CDRG4 Datasheet HTML 7Page - Texas Instruments TLE2425CDRG4 Datasheet HTML 8Page - Texas Instruments TLE2425CDRG4 Datasheet HTML 9Page - Texas Instruments TLE2425CDRG4 Datasheet HTML 10Page - Texas Instruments TLE2425CDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TLE2425
PRECISION VIRTUAL GROUND
SLOS065D − MARCH 1991 − REVISED APRIL 2002
7
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
2.48
2.49
2.5
2.51
2.52
2.47
2.53
25
50
75
100
125
0
−25
−50
−75
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
24
12
0
2.48
2.49
2.5
2.51
2.52
DISTRIBUTION OF
OUTPUT VOLTAGE
VO − Output Voltage − V
TA − Free-Air Temperature − °C
20
16
8
4
VI = 5 V
TA = 25°C
100 Units Tested
From 1 Wafer Lot
VI = 5 V
IO = 0
Figure 1
Figure 2
200
50
0
250
150
100
5
0
10
15
20
25
30
35
40
INPUT BIAS CURRENT
vs
INPUT VOLTAGE
OUTPUT VOLTAGE HYSTERESIS
vs
FREE-AIR TEMPERATURE
2
4
0
−2
−4
−6
−10
−8
25
50
75
100
125
0
−25
−50
−75
TA − Free-Air Temperature − °C
VI − Input Voltage − V
End Point
Start Point
Normalized to First 25
°C VO
VI = 5 V
IO = 0
TA = 25°C
Figure 3
Figure 4
† Data at high and low temperatures are applicable within rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com