Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2425CLPR Datasheet(PDF) 12 Page - Texas Instruments

Part # TLE2425CLPR
Description  PRECISION VIRTUAL GROUND
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2425CLPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLE2425CLPR Datasheet HTML 8Page - Texas Instruments TLE2425CLPR Datasheet HTML 9Page - Texas Instruments TLE2425CLPR Datasheet HTML 10Page - Texas Instruments TLE2425CLPR Datasheet HTML 11Page - Texas Instruments TLE2425CLPR Datasheet HTML 12Page - Texas Instruments TLE2425CLPR Datasheet HTML 13Page - Texas Instruments TLE2425CLPR Datasheet HTML 14Page - Texas Instruments TLE2425CLPR Datasheet HTML 15Page - Texas Instruments TLE2425CLPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TLE2425
PRECISION VIRTUAL GROUND
SLOS065D − MARCH 1991 − REVISED APRIL 2002
12
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
macromodel information (continued)
RO1
8
5
63
RO2
7
99
62
VCM+
82
99
1.0
VCM−
83
99
−2.3
VB
9
0
DC
0
VC
3
53
DC
1.400
VE
54
4
DC
1.400
VLIM
7
8
DC
0
VLP
91
0
DC
30
VLN
0
92DC30
VPSR
0
86
DC
0
RFB
5
2
1K
RIN
30
1
1K
RCOM
34
4
.1
*REGULATOR SECTION
RG1
30
0
20MEG
RG2
30
31
.2
RG3
31
35
400K
RG4
35
34
411K
RG5
31
36
25MEG
HREG
31
32
POLY(2)
VPSET
VNSET
0
1E2 1E2
VREG
32
33
DC
0V
EREG
33
34
POLY(1)
(36,34)
1.23 1
VADJ
36
34
1.27V
HPSET
37
0
VREG
1.030E3
VPSET
38
0
DC
20V
HNSET
39
0
VREG
6.11E5
VNSET
40
0
DC
−20V
DSUB
4
34
DX
DPOS
37
38
DX
DNNEG
40
39
DX
.MODEL DX
D(IS=800.0E−18)
.MODEL QX
PNP(IS=800.0E−18 BF=480)
.ENDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com