Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7398 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7398
Description  SparX-G8eTM-Enhanced 8-Port Integrated Gigabit Ethernet Switch with Transceivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7398 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7398 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7398 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC7398
ITESSE
R
VPPD-01353
Revision 1.0
ETHERNET PRODUCTS
VSC7398
VSC7398
SparX-G8eTM
EEPROM
Serial EEPROM Interface
MagJacks with
Integrated
Magnetics
FEA TURES:
8-PORT WEB MANAGED/UNMANAGED SMB SWITCH:
APPLICA TIONS:
BENEFITS:
  8 Gigabit Ethernet ports with nonblocking wire-speed performance
  8 tri-speed (10/100/1000 Mbps) copper transceivers (IEEE 802.3ab 
compliant), 2 of which (multiplexed internally) can be used as tri-speed 
(RGMII/GMII) interface
 
  176 kilobytes on-chip frame buffer
  SNMP and Web-based management with either V-Core CPU (on-chip 
8051 CPU with royalty-free, Web-managed software stack) or off-chip  
8-bit CPU
  DSCP remarking for both IPv4 and IPv6 frames
  Jumbo frame support at all speeds (10/100/1000 Mbps)
  Programmable multilayer classifier with 4 QoS classes
  8 k MAC addresses and 4 k VLANs (IEEE 802.1Q), as well as 8 k IP 
multicast group support
  Flexible link aggregation support based on Layer-2 through Layer-4 
information (IEEE 802.3ad)
  Full-duplex flow control (IEEE 802.3X) and half-duplex backpressure, 
symmetric and asymmetric
  Multicast and broadcast storm control, as well as flooding control
  Multiple protocol support: IEEE 802.1D, IEEE 802.1w,  IEEE 802.1s, 
and IEEE 802.1X
  Wire-speed automatic learning and aging
  Vitesse VeriPHYTM cable diagnostics and SimpliPHYTM magnetics 
technology
  Ensures maximum data throughput in highly loaded networks
  Reduces the need for any PHY components thereby significantly 
reducing overall systems cost
  Eliminates the need for external buffer memory while maintaining high 
peak load performance
  Enables advanced switch management, using run-time protocols, and 
low cost unmanaged/Web-managed operation
  Enables LAN edge products to generate standard priority that can be 
used in the core network
  Connects effortlessly to networks, hosts, and controllers that use up to 
9.6-kilobyte frames
  Optimizes network performance to support any digital stream, from 
internet browsing to VoIP and video
  Stores a large amount of stations at wire-speed in the on-chip MAC 
Table, ensuring optimal network performance and scalability
  Provides high bandwidth uplinking abilities
  Ensures lossless data transmission while supporting existing legacy 
Ethernet equipment
  Eliminates unwanted flooding of ports, and thereby increases overall 
network performance
  Supports complex network topologies with fast failure recovery and 
access control
  Reduces CPU overhead and enables the CPU to allocate additional 
cycles for protocol processing
  Enables real-time cable diagnostics and low cost magnetics
  8-port unmanaged Gigabit Ethernet SMB/SOHO switch
  8-port Web-managed Gigabit Ethernet SMB/SOHO switch
SparX-G8eTM-Enhanced 8-Port Integrated Gigabit Ethernet Switch with Transceivers


Similar Part No. - VSC7398

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7398 VITESSE-VSC7398 Datasheet
491Kb / 2P
155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
logo
Pulse A Technitrol Comp...
VSC7398 PULSE-VSC7398 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - VSC7398

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7385 VITESSE-VSC7385 Datasheet
396Kb / 2P
SparX-G5 - 5-port Integrated Gigabit Ethernet Switch
VSC7388 VITESSE-VSC7388 Datasheet
432Kb / 2P
8-port Integrated Gigabit Ethernet Switch SoC with Copper PHYs
VSC7389 VITESSE-VSC7389 Datasheet
262Kb / 2P
16-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
VSC7390 VITESSE-VSC7390 Datasheet
263Kb / 2P
24-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
VSC7391 VITESSE-VSC7391 Datasheet
662Kb / 2P
16-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
VSC7395 VITESSE-VSC7395 Datasheet
474Kb / 2P
SparX-G5eTM-Enhanced 5 1-Port Integrated Gigabit Ethernet Switch with Transceivers
VSC7396 VITESSE-VSC7396 Datasheet
487Kb / 2P
SparX-G5m??- Enhanced 51-Port Integrated Gigabit Ethernet Switch with Transceivers
logo
Level One
GEU-0822 LVL1-GEU-0822 Datasheet
530Kb / 3P
8-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
8-Port Gigabit Ethernet Switch
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
8-Port Gigabit Ethernet Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com