Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC595 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74HC595
Description  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC595 Datasheet(HTML) 2 Page - Diodes Incorporated

  74HC595 Datasheet HTML 1Page - Diodes Incorporated 74HC595 Datasheet HTML 2Page - Diodes Incorporated 74HC595 Datasheet HTML 3Page - Diodes Incorporated 74HC595 Datasheet HTML 4Page - Diodes Incorporated 74HC595 Datasheet HTML 5Page - Diodes Incorporated 74HC595 Datasheet HTML 6Page - Diodes Incorporated 74HC595 Datasheet HTML 7Page - Diodes Incorporated 74HC595 Datasheet HTML 8Page - Diodes Incorporated 74HC595 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74HC595
Document number: DS35492 Rev. 3 - 2
2 of 11
www.diodes.com
June 2013
© Diodes Incorporated
74HC595
Pin Descriptions
Pin Number
Pin Name
Function
1
Q1
Parallel Data Output 1
2
Q2
Parallel Data Output 2
3
Q3
Parallel Data Output 3
4
Q4
Parallel Data Output 4
5
Q5
Parallel Data Output 5
6
Q6
Parallel Data Output 6
7
Q7
Parallel Data Output 7
8
GND
Ground
9
Q7S
Serial Data Output
10
MR
Master Reset Input
11
SHCP
Shift Register Clock Input
12
STCP
Storage Register Clock Input
13
OE
Output Enable Input
14
DS
Serial Data Input
15
Q0
Parallel Data Output 0
16
Vcc
Supply Voltage
Functional Diagram
Logic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com