Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7608BSTZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7608BSTZ
Description  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7608BSTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7608BSTZ Datasheet HTML 7Page - Analog Devices AD7608BSTZ Datasheet HTML 8Page - Analog Devices AD7608BSTZ Datasheet HTML 9Page - Analog Devices AD7608BSTZ Datasheet HTML 10Page - Analog Devices AD7608BSTZ Datasheet HTML 11Page - Analog Devices AD7608BSTZ Datasheet HTML 12Page - Analog Devices AD7608BSTZ Datasheet HTML 13Page - Analog Devices AD7608BSTZ Datasheet HTML 14Page - Analog Devices AD7608BSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD7608
Rev. A | Page 11 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD7608
TOP VIEW
(Not to Scale)
64 63 62
61
60 59 58
57 56 55 54 53 52 51 50 49
PIN 1
17 18
19
20
21 22 23
24 25 26
27 28 29 30 31 32
AGND
AVCC 1
3
4
FRSTDATA
7
6
5
OS 2
2
8
9
10
12
13
14
15
16
11
DB0
BUSY
CONVST B
CONVST A
RANGE
RESET
RD/SCLK
CS
PAR/SER SEL
OS 1
OS 0
STBY
DECOUPLING CAPACITOR PIN
DATA OUTPUT
POWER SUPPLY
ANALOG INPUT
GROUND PIN
DIGITAL OUTPUT
DIGITAL INPUT
REFERENCE INPUT/OUTPUT
DB15
REFIN/REFOUT
48
46
45
42
43
44
47
41
40
39
37
36
35
34
33
38
AGND
AVCC
REFGND
REFCAPA
AGND
AGND
AGND
REFCAPB
REFGND
REGCAP
REGCAP
AVCC
AVCC
REF SELECT
Figure 7. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Type
12F11F
1
Mnemonic
Description
1, 37, 38, 48
P
AVCC
Analog Supply Voltage 4.75 V to 5.25 V. This supply voltage is applied to the internal front-end
amplifiers and to the ADC core. These supply pins should be decoupled to AGND.
2, 26, 35,
40, 41, 47
P
AGND
Analog Ground. This pin is the ground reference point for all analog circuitry on the AD7608. All
analog input signals and external reference signals should be referred to these pins. All six of these
AGND pins should connect to the AGND plane of a system.
5, 4, 3
DI
OS [2: 0]
Oversampling Mode Pins. Logic inputs. These inputs are used to select the oversampling ratio. OS 2
is the MSB control bit, while OS 0 is the LSB control bit. See the Digital Filter section for further
details on the oversampling mode of operation and Table 8 for oversampling bit decoding.
6
DI
AA
PAREE
AA
/SER SEL
Parallel/Serial Interface Selection Input. Logic input. If this pin is tied to a logic low, the parallel
interface is selected. If this pin is tied to a logic high, the serial interface is selected. In serial mode,
the
AA
RDEE
AA
/SCLK pin functions as the serial clock input. The DB7/DOUTA and DB8/DOUTB pins function as
serial data outputs. When the serial interface is selected, DB[15:9] and DB[6:0] pins should be tied to
GND.
7
DI
AA
STBYEE
Standby Mode Input. This pin is used to place the AD7608 into one of two power-down modes: standby
mode or shutdown mode. The power-down mode entered depends on the state of the RANGE pin
as shown in Table 7. When in standby mode, all circuitry, except the on-chip reference regulators,
and regulator buffers, is powered down. When in shutdown mode, all circuitry is powered down.
8
DI
RANGE
Analog Input Range Selection. Logic input. The polarity on this pin determines the input range of
the analog input channels. If this pin is tied to a logic high, the analog input range is ±10 V for all
channels. If this pin is tied to a logic low, the analog input range is ±5 V for all channels. A logic
change on this pin has an immediate effect on the analog input range. Changing this pin during
a conversion is not recommended. See the Analog Input section for more details.
9, 10
DI
CONVST A,
CONVST B
Conversion Start Input A, Conversion Start Input B. Logic inputs. These logic inputs are used to
initiate conversions on the analog input channels. For simultaneous sampling of all input channels,
CONVST A and CONVST B can be shorted together and a single convert start signal applied.
Alternatively, CONVST A can be used to initiate simultaneous sampling for V1, V2, V3, and V4, and
CONVST B can be used to initiate simultaneous sampling on the other analog inputs (V5, V6, V7, and
V8). This is only possible when oversampling is not switched on.
When the CONVST A or CONVST B pin transitions from low to high, the front-end track-and-hold
circuitry for their respective analog inputs is set to hold. This function allows a phase delay to be
created inherently between the sets of analog inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com