Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7655AST Datasheet(PDF) 13 Page - Analog Devices

Part # AD7655AST
Description  Low Cost, 4-Channel, 16-Bit 1 MSPS PulSAR짰 ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7655AST Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7655AST Datasheet HTML 9Page - Analog Devices AD7655AST Datasheet HTML 10Page - Analog Devices AD7655AST Datasheet HTML 11Page - Analog Devices AD7655AST Datasheet HTML 12Page - Analog Devices AD7655AST Datasheet HTML 13Page - Analog Devices AD7655AST Datasheet HTML 14Page - Analog Devices AD7655AST Datasheet HTML 15Page - Analog Devices AD7655AST Datasheet HTML 16Page - Analog Devices AD7655AST Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7655
Rev. B | Page 13 of 28
FREQUENCY (kHz)
85
80
75
70
1
10
100
1000
100
95
90
SNR
SINAD
14.5
14.0
13.5
13.0
16.0
15.5
15.0
ENOB
Figure 11. SNR, SINAD, and ENOB vs. Frequency
FREQUENCY (kHz)
–90
–95
–100
–105
–110
1
10
100
1000
–75
–80
–85
SFDR
CROSSTALK B TO A
CROSSTALK A TO B
THD
THIRD HARMONIC
SECOND HARMONIC
90
85
80
75
70
105
100
95
Figure 12. THD, Harmonics, Crosstalk, and SFDR vs. Frequency
–55
5
65
125
TEMPERATURE (
°C)
0
–4
–5
–2
–3
–1
2
1
4
3
5
25
–35
–15
45
85
105
FULL-SCALE ERROR
ZERO ERROR
Figure 13. Full-Scale Error and Zero Error vs. Temperature
10
1
0.1
100
SAMPLING RATE (kSPS)
10
100
1000
1
NORMAL AVDD
NORMAL DVDD
IMPULSE AVDD
OVDD 2.7V
0.01
0.001
0.0001
IMPULSE DVDD
Figure 14. Operating Currents vs. Sample Rate
CL (pF)
20
10
0
0
50
100
200
50
40
30
OVDD = 2.7V @ 85
°C
OVDD = 2.7V @ 25
°C
OVDD = 5V @ 85
°C
OVDD = 5V @ 25
°C
150
Figure 15. Typical Delay vs. Load Capacitance CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com