Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5449EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-AD5449EBZ
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5449EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-AD5449EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 24Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD5429/AD5439/AD5449
Rev. C | Page 21 of 32
SYNC Function
SYNC is an edge-triggered input that acts as a frame synchron-
ization signal and chip enable. Data can be transferred into the
device only while SYNC is low. To start the serial data transfer,
SYNC should be taken low, observing the minimum SYNC
falling edge to SCLK falling edge setup time, t4.
Daisy-Chain Mode
Daisy-chain mode is the default power-on mode. To disable the
daisy-chain function, write 1001 to the control word. In daisy-
chain mode, the internal gating on SCLK is disabled. SCLK is
continuously applied to the input shift register when SYNC is
low. If more than 16 clock pulses are applied, the data ripples
out of the shift register and appears on the SDO line. This data
is clocked out on the rising edge of SCLK (this is the default; use
the control word to change the active edge) and is valid for the
next device on the falling edge of SCLK (default). By connecting
this line to the SDIN input on the next device in the chain,
a multidevice interface is constructed. For each device in the
system, 16 clock pulses are required. Therefore, the total number
of clock cycles must equal 16n, where n is the total number of
devices in the chain. See
.
Figure 4
When the serial transfer to all devices is complete, SYNC should
be taken high. This prevents additional data from being clocked
into the input shift register. A burst clock containing the exact
number of clock cycles can be used, after which SYNC can be
taken high. After the rising edge of SYNC, data is automatically
transferred from the input shift register of each device to the
addressed DAC.
When control bits = 0000, the device is in no operation mode.
This may be useful in daisy-chain applications in which the user
does not want to change the settings of a particular DAC in the
chain. Write 0000 to the control bits for that DAC; subsequent
data bits are ignored.
Standalone Mode
After power-on, write 1001 to the control word to disable daisy-
chain mode. The first falling edge of SYNC resets the serial
clock counter to ensure that the correct number of bits are
shifted in and out of the serial shift registers. A SYNC edge
during the 16-bit write cycle causes the device to abort the
current write cycle.
After the falling edge of the 16th SCLK pulse, data is automat-
ically transferred from the input shift register to the DAC. For
another serial transfer to take place, the counter must be reset
by the falling edge of SYNC.
LDAC Function
The LDAC function allows asynchronous and synchronous
updates to the DAC output. The DAC is asynchronously updated
when this signal goes low. Alternatively, if this line is held perma-
nently low, an automatic or synchronous update mode is selected,
whereby the DAC is updated on the 16th clock falling edge when
the device is in standalone mode, or on the rising edge of SYNC
when the device is in daisy-chain mode.
Software LDAC Function
Load-and-update mode can also serve as a software update func-
tion, irrespective of the voltage level on the LDAC pin.
Table 11. DAC Control Bits
C3
C2
C1
C0
DAC
Function Implemented
0
0
0
0
A and B
No operation (power-on default)
0
0
0
1
A
Load and update
0
0
1
0
A
Initiate readback
0
0
1
1
A
Load input register
0
1
0
0
B
Load and update
0
1
0
1
B
Initiate readback
0
1
1
0
B
Load input register
0
1
1
1
A and B
Update DAC outputs
1
0
0
0
A and B
Load input registers
1
0
0
1
N/A
Disable daisy-chain
1
0
1
0
N/A
Clock data to shift register on rising edge
1
0
1
1
N/A
Clear DAC output to zero scale
1
1
0
0
N/A
Clear DAC output to midscale
1
1
0
1
N/A
Control word
1
1
1
0
N/A
Reserved
1
1
1
1
N/A
No operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com