Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U310 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # U310
Description  Very High System Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U310 Datasheet(HTML) 1 Page - Vishay Siliconix

  U310 Datasheet HTML 1Page - Vishay Siliconix U310 Datasheet HTML 2Page - Vishay Siliconix U310 Datasheet HTML 3Page - Vishay Siliconix U310 Datasheet HTML 4Page - Vishay Siliconix U310 Datasheet HTML 5Page - Vishay Siliconix U310 Datasheet HTML 6Page - Vishay Siliconix U310 Datasheet HTML 7Page - Vishay Siliconix U310 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
J/SST/U308 Series
Vishay Siliconix
Document Number: 70237
S-50149—Rev. H, 24-Jan-05
www.vishay.com
1
N-Channel JFETs
J308
SST308
U309
J309
SST309
U310
J310
SST310
PRODUCT SUMMARY
Part Number
VGS(off) (V)
V(BR)GSS Min (V)
gfs Min (mS)
IDSS Min (mA)
J308
−1 to −6.5
−25
8
12
J309
−1 to −4
−25
10
12
J310
−2 to −6.5
−25
8
24
SST308
−1 to −6.5
−25
8
12
SST309
−1 to −4
−25
10
12
SST310
−2 to −6.5
−25
8
24
U309
−1 to −4
−25
10
12
U310
−2.5 to −6
−25
10
24
FEATURES
BENEFITS
APPLICATIONS
D Excellent High Frequency Gain:
Gps 11.5 dB @ 450 MHz
D Very Low Noise: 2.7 dB @ 450 MHz
D Very Low Distortion
D High ac/dc Switch Off-Isolation
D Wideband High Gain
D Very High System Sensitivity
D High Quality of Amplification
D High-Speed Switching Capability
D High Low-Level Signal Amplification
D High-Frequency Amplifier/Mixer
D Oscillator
D Sample-and-Hold
D Very Low Capacitance Switches
DESCRIPTION
The J/SST/U308 series offers superb amplification characteristics.
Of special interest is its high-frequency performance. Even at 450
MHz, this series offers high power gain at low noise.
Low-cost J series TO-226AA (TO-92) packaging supports
automated assembly with tape-and-reel options. The SST series
TO-236 (SOT-23) package provides surface-mount capabilities
and is available with tape-and-reel options. The U series
hermetically-sealed TO-206AC (TO-52) package supports full
military processing. (See Military and Packaging Information for
further details.)
For similar dual products packaged in the TO-78, see the
U430/431 data sheet.
D
S
G
TO-236
(SOT-23)
2
3
1
TO-226AA
(TO-92)
Top View
J308
J309
J310
D
G
S
1
2
3
Top View
SST308 (Z8)*
SST309 (Z9)*
SST310 (Z0)*
*Marking Code for TO-236
Top View
U309
U310
G and Case
TO-206AC
(TO-52)
D
S
1
23
For applications information see AN104.


Similar Part No. - U310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
U310 FAIRCHILD-U310 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
logo
Calogic, LLC
U310 CALOGIC-U310 Datasheet
24Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Linear Integrated Syste...
U310 LINEAR-U310 Datasheet
294Kb / 2P
SINGLE N-CHANNEL HIGH FREQUENCY JFET
logo
EPCOS
U310 EPCOS-U310 Datasheet
86Kb / 7P
Low-Loss Filter for Mobile Communication
logo
Intersil Corporation
U310 INTERSIL-U310 Datasheet
4Mb / 122P
P-CHANNEL JFET
More results

Similar Description - U310

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US4881 MELEXIS-US4881 Datasheet
442Kb / 11P
Bipolar Hall Switch Low Voltage & Very High Sensitivity
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
Bipolar Hall Switch - Very High Sensitivity
US2882 MELEXIS-US2882 Datasheet
495Kb / 12P
Bipolar Hall Switch - Very High Sensitivity
US2881 MELEXIS-US2881 Datasheet
496Kb / 12P
Bipolar Hall Switch - Very High Sensitivity
logo
Texas Instruments
TC285SPD-30 TI1-TC285SPD-30 Datasheet
429Kb / 30P
Very Low Noise, Very High Sensitivity, Electronically Variable Charge Domain Gain
logo
ams AG
TSL2591 AMSCO-TSL2591 Datasheet
711Kb / 25P
very-high sensitivity light-to-digital
logo
Melexis Microelectronic...
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
Bipolar Hall Switch ??Very High Sensitivity
US2882 MELEXIS-US2882_12 Datasheet
1Mb / 12P
Bipolar Hall Switch ??Very High Sensitivity
US2881 MELEXIS-US2881_12 Datasheet
1Mb / 12P
Bipolar Hall Switch ??Very High Sensitivity
logo
TAITIEN ELECTRONICS CO....
XO-0171-VLEU TAITIEN-XO-0171-VLEU Datasheet
285Kb / 3P
High Frequency Very Low Noise/Low g-Sensitivity VCXO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com