Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F373VCT6 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32F373VCT6
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373VCT6 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32F373VCT6 Datasheet HTML 15Page - STMicroelectronics STM32F373VCT6 Datasheet HTML 16Page - STMicroelectronics STM32F373VCT6 Datasheet HTML 17Page - STMicroelectronics STM32F373VCT6 Datasheet HTML 18Page - STMicroelectronics STM32F373VCT6 Datasheet HTML 19Page - STMicroelectronics STM32F373VCT6 Datasheet HTML 20Page - STMicroelectronics STM32F373VCT6 Datasheet HTML 21Page - STMicroelectronics STM32F373VCT6 Datasheet HTML 22Page - STMicroelectronics STM32F373VCT6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 128 page
background image
STM32F37x
Functional overview
Doc ID 022691 Rev 3
19/128
3.14
Digital-to-analog converter (DAC)
The devices feature up to two 12-bit buffered DACs with three output channels that can be
used to convert three digital signals into three analog voltage signal outputs. The internal
structure is composed of integrated resistor strings and an amplifier in inverting
configuration.
This digital Interface supports the following features:
●
Up to two DAC converters with three output channels:
–
DAC1 with two output channels
–
DAC2 with one output channel.
●
8-bit or 10-bit monotonic output
●
Left or right data alignment in 12-bit mode
●
Synchronized update capability
●
Noise-wave generation
●
triangular-wave generation
●
Dual DAC channel independent or simultaneous conversions (DAC1 only)
●
DMA capability for each channel
●
External triggers for conversion
3.15
Fast comparators (COMP)
The STM32F37x embeds up to 2 comparators with rail-to-rail inputs and high-speed output.
The reference voltage can be internal or external (delivered by an I/O).
The threshold can be one of the following:
●
DACs channel outputs
●
External I/O
●
Internal reference voltage (VREFINT) or submultiple (1/4 VREFINT, 1/2 VREFINT and 3/4
VREFINT)
The comparators can be combined into a window comparator.
Both comparators can wake up the device from Stop mode and generate interrupts and
breaks for the timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com