Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN3N45K3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STN3N45K3
Description  N-channel 450 V, 3.2 Ω, 1.8 A, TO-92, SOT-223, IPAK SuperMESH3??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3N45K3 Datasheet(HTML) 3 Page - STMicroelectronics

  STN3N45K3 Datasheet HTML 1Page - STMicroelectronics STN3N45K3 Datasheet HTML 2Page - STMicroelectronics STN3N45K3 Datasheet HTML 3Page - STMicroelectronics STN3N45K3 Datasheet HTML 4Page - STMicroelectronics STN3N45K3 Datasheet HTML 5Page - STMicroelectronics STN3N45K3 Datasheet HTML 6Page - STMicroelectronics STN3N45K3 Datasheet HTML 7Page - STMicroelectronics STN3N45K3 Datasheet HTML 8Page - STMicroelectronics STN3N45K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STN3N45K3, STQ3N45K3-AP, STU3N45K3
Electrical ratings
Doc ID 17206 Rev 2
3/12
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
SOT-223
TO-92
IPAK
VDS
Drain-source voltage (VGS = 0)
450
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
0.6
1.8
A
ID
Drain current (continuous) at TC = 100 °C
0.38
1
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
2.4
7.2
A
PTOT
Total dissipation at TC = 25 °C
2
2.5
27
W
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
SOT-223
TO-92
IPAK
Unit
Rthj-case Thermal resistance junction-case max
62.50
50
4.63
°C/W
Rthj-amb Thermal resistance junction-ambient max
100
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj max)
0.5
A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR, VDD = 50V)
TBD
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com