Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN4NF20L Datasheet(PDF) 11 Page - STMicroelectronics

Part # STN4NF20L
Description  N-channel 200 V, 1.1 Ω, 1 A SOT-223 low gate charge STripFET™II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN4NF20L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STN4NF20L Datasheet HTML 4Page - STMicroelectronics STN4NF20L Datasheet HTML 5Page - STMicroelectronics STN4NF20L Datasheet HTML 6Page - STMicroelectronics STN4NF20L Datasheet HTML 7Page - STMicroelectronics STN4NF20L Datasheet HTML 8Page - STMicroelectronics STN4NF20L Datasheet HTML 9Page - STMicroelectronics STN4NF20L Datasheet HTML 10Page - STMicroelectronics STN4NF20L Datasheet HTML 11Page - STMicroelectronics STN4NF20L Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STN4NF20L
Revision history
Doc ID 17445 Rev 2
11/12
5
Revision history
Table 9.
Document revision history
Date
Revision
Changes
29-Apr-2010
1
First release.
11-Oct-2010
2
Document status promoted from preliminary data to datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com