Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7296HS Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7296HS
Description  70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296HS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7296HS Datasheet HTML 7Page - STMicroelectronics TDA7296HS Datasheet HTML 8Page - STMicroelectronics TDA7296HS Datasheet HTML 9Page - STMicroelectronics TDA7296HS Datasheet HTML 10Page - STMicroelectronics TDA7296HS Datasheet HTML 11Page - STMicroelectronics TDA7296HS Datasheet HTML 12Page - STMicroelectronics TDA7296HS Datasheet HTML 13Page - STMicroelectronics TDA7296HS Datasheet HTML 14Page - STMicroelectronics TDA7296HS Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
TDA7296
Figure 26. Multiwatt15 Horizontal (Short leads) Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
A
C
B
E
L5
L7
L1
L2
F
G1
G
H2
L4
L3
S1
S
H1
Diam 1
MW15HME
V
V
V
V
V
H2
N
R1
P
R
R
0067558 E
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A5
0.197
B
2.65
0.104
C1.6
0.063
E
0.49
0.55
0.019
0.022
F
0.66
0.75
0.026
0.030
G
1.02
1.27
1.52
0.040
0.050
0.060
G1
17.53
17.78
18.03
0.690
0.700
0.709
H1
19.6
20.2
0.772
0.795
H2
19.6
20.2
0.772
0.795
L1
17.80
18.00
18.20
0.701
0.709
0.717
L2
2.54
0.100
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L5
2.70
3.00
3.30
0.106
0.118
0.130
L7
2.65
2.9
0.104
0.114
R
1.5
0.059
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
Multiwatt15 H (Short leads)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com