Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM338 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM338
Description  LM138/LM338 5-Amp Adjustable Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM338 Datasheet(HTML) 1 Page - Texas Instruments

  LM338 Datasheet HTML 1Page - Texas Instruments LM338 Datasheet HTML 2Page - Texas Instruments LM338 Datasheet HTML 3Page - Texas Instruments LM338 Datasheet HTML 4Page - Texas Instruments LM338 Datasheet HTML 5Page - Texas Instruments LM338 Datasheet HTML 6Page - Texas Instruments LM338 Datasheet HTML 7Page - Texas Instruments LM338 Datasheet HTML 8Page - Texas Instruments LM338 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM138, LM338
www.ti.com
SNVS771B – MAY 1998 – REVISED APRIL 2013
LM138/LM338 5-Amp Adjustable Regulators
Check for Samples: LM138, LM338
A unique feature of the LM138 family is time-
1
FEATURES
dependent current limiting. The current limit circuitry
2
•
Specified 7A Peak Output Current
allows peak currents of up to 12A to be drawn from
•
Specified 5A Output Current
the regulator for short periods of time. This allows the
LM138 to be used with heavy transient loads and
•
Adjustable Output Down to 1.2V
speeds start-up under full-load conditions. Under
•
Specified Thermal Regulation
sustained
loading
conditions,
the
current
limit
•
Current Limit Constant with Temperature
decreases to a safe value protecting the regulator.
Also included on the chip are thermal overload
•
P+ Product Enhancement Tested
protection and safe area protection for the power
•
Output is Short-Circuit Protected
transistor. Overload protection remains functional
even
if
the
adjustment
pin
is
accidentally
APPLICATIONS
disconnected.
•
Adjustable Power Supplies
Normally, no capacitors are needed unless the device
•
Constant Current Regulators
is situated more than 6 inches from the input filter
capacitors in which case an input bypass is needed.
•
Battery Chargers
An output capacitor can be added to improve
transient response, while bypassing the adjustment
DESCRIPTION
pin will increase the regulator's ripple rejection.
The LM138 series of adjustable 3-terminal positive
voltage regulators is capable of supplying in excess
Besides
replacing
fixed
regulators
or
discrete
of 5A over a 1.2V to 32V output range. They are
designs, the LM138 is useful in a wide variety of
exceptionally easy to use and require only 2 resistors
other applications. Since the regulator is “floating”
to set the output voltage. Careful circuit design has
and sees only the input-to-output differential voltage,
resulted
in
outstanding
load
and
line
supplies of several hundred volts can be regulated as
regulation—comparable to many commercial power
long as the maximum input to output differential is not
supplies. The LM138 family is supplied in a standard
exceeded, i.e., do not short-circuit output to ground.
3-lead transistor package.
The part numbers in the LM138 series which have a
K suffix are packaged in a standard Steel TO-3
package, while those with a T suffix are packaged in
a TO-220 plastic package. The LM138 is rated for
−55°C ≤ TJ ≤ +150°C, and the LM338 is rated for 0°C
≤ TJ ≤ +125°C.
Connection Diagram
Connection Diagrams
Figure 1. (TO-3) Metal Can Package
Figure 2. (TO-220) Plastic Package
Bottom View
Front View
See Package Number NDS0002A
See Package Number NDE0003B
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM338

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM338 STMICROELECTRONICS-LM338 Datasheet
186Kb / 12P
THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
logo
Seme LAB
LM338 SEME-LAB-LM338 Datasheet
56Kb / 6P
5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Linear Technology
LM338 LINER-LM338 Datasheet
185Kb / 12P
5A Positive Adjustable Voltage Regulator
LM338 LINER-LM338 Datasheet
148Kb / 12P
5A Positive Adjustable Voltage Regulator
logo
STMicroelectronics
LM338 STMICROELECTRONICS-LM338 Datasheet
1Mb / 23P
Three-terminal 5 A adjustable voltage regulators
11-Apr-2008
More results

Similar Description - LM338

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
5-Amp Adjustable Regulators
LM150 NSC-LM150 Datasheet
408Kb / 14P
3-Amp Adjustable Regulators
logo
Texas Instruments
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
LM150QML 3-Amp Adjustable Regulators
LM138 TI1-LM138 Datasheet
883Kb / 20P
5-Amp Adjustable Regulators
LM138K-MIL TI-LM138K-MIL Datasheet
2Mb / 23P
LM138/LM338 5-Amp Adjustable Regulators
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
5-Amp Adjustable Regulators
LM150QML TI1-LM150QML_16 Datasheet
805Kb / 19P
3-Amp Adjustable Regulators
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
3-Amp Adjustable Regulators
LM150 TI1-LM150_17 Datasheet
2Mb / 21P
3-Amp Adjustable Regulators
LM338-MIL TI1-LM338-MIL Datasheet
2Mb / 28P
5-Amp Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com