Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950CDT-3.3/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2950CDT-3.3/NOPB
Description  LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2950CDT-3.3/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP2950CDT-3.3/NOPB Datasheet HTML 1Page - Texas Instruments LP2950CDT-3.3/NOPB Datasheet HTML 2Page - Texas Instruments LP2950CDT-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LP2950CDT-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LP2950CDT-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LP2950CDT-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LP2950CDT-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LP2950CDT-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LP2950CDT-3.3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
LP2950-N, LP2951-N
www.ti.com
SNVS764N – JANUARY 2000 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS
(1) (continued)
LP2950AC-XX
LP2950C-XX
LP2951
LP2951AC-XX
LP2951C-XX
Parameter
Conditions(1)
Units
Typ
Tested
Typ
Tested
Design Typ
Tested
Design
Limit(2)(3)
Limit(2)
Limit(4)
Limit(2)
Limit(4)
Load Regulation(7)
100
μA ≤ IL ≤ 100 mA
0.04
0.1
0.04
0.1
0.1
0.2
% max
0.3
0.2
0.3
% max
Dropout Voltage(9)
IL = 100 μA
80
80
80
mV
max
50
150
50
150
50
150
mV
max
IL = 100 mA
450
450
450
mV
max
380
600
380
600
380
600
mV
max
Ground Current
IL = 100 μA
75
120
75
120
75
120
μA max
140
140
140
μA max
IL = 100 mA
8
12
8
12
8
12
mA
max
14
14
14
mA
max
Dropout Ground
Vin = (VONOM − 0.5)V
110
170
110
170
110
170
μA max
Current
IL = 100 μA
200
200
200
μA max
Current Limit
Vout = 0
160
200
160
200
160
200
mA
max
220
220
220
mA
max
Thermal Regulation
See(10)
0.05
0.2
0.05
0.2
0.05
0.2
%/W
max
Output Noise, 10 Hz to
CL = 1μF (5V Only)
430
430
430
μV rms
100 kHz
CL = 200 μF
160
160
160
μV rms
CL = 3.3 μF
100
100
100
μV rms
(Bypass = 0.01
μF
Pins 7 to 1 (LP2951-N)
8-pin Versions Only
LP2951
LP2951AC-XX
LP2951C-XX
Reference Voltage
1.23
1.25
1.23
1.25
1.23
1.26
V max
5
5
5
1.26
1.26
1.27
V max
1.22
1.22
1.21
V min
1.2
1.2
1.2
V min
Reference Voltage
See(11)
1.27
1.27
1.285
V max
1.19
1.19
1.185
V min
Feedback Pin Bias
20
40
20
40
20
40
nA max
Current
60
60
60
nA max
Reference Voltage
See(12)
20
20
50
ppm/°C
Temperature
Coefficient
Feedback Pin Bias
0.1
0.1
0.1
nA/°C
Current Temperature
Coefficient
(9)
Dropout Voltage is defined as the input to output differential at which the output voltage drops 100 mV below its nominal value
measured at 1V differential. At very low values of programmed output voltage, the minimum input supply voltage of 2V (2.3V over
temperature) must be taken into account.
(10) Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load
or line regulation effects. Specifications are for a 50 mA load pulse at VIN = 30V (1.25W pulse) for T = 10ms.
(11) VREF ≤ VOUT ≤ (VIN − 1V), 2.3V ≤ VIN ≤ 30V, 100 μA ≤ IL ≤ 100 mA, TJ ≤ TJMAX.
(12) Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2950-N LP2951-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com