Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5100AM Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5100AM
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100AM Datasheet(HTML) 2 Page - Texas Instruments

  LM5100AM Datasheet HTML 1Page - Texas Instruments LM5100AM Datasheet HTML 2Page - Texas Instruments LM5100AM Datasheet HTML 3Page - Texas Instruments LM5100AM Datasheet HTML 4Page - Texas Instruments LM5100AM Datasheet HTML 5Page - Texas Instruments LM5100AM Datasheet HTML 6Page - Texas Instruments LM5100AM Datasheet HTML 7Page - Texas Instruments LM5100AM Datasheet HTML 8Page - Texas Instruments LM5100AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
VDD
HB
HO
HS
LO
VSS
LI
HI
MSOP-
PowerPad-8
Exposed Pad
Connect to VSS
HO
3
HS
4
VDD
1
HB
2
8
LO
7
VSS
6
LI
5
HI
SO
PowerPad-8
WSON-10
1
2
3
4
9
6
7
8
VDD
HB
HO
HS
HI
LI
VSS
LO
NC
5
10
NC
WSON-8
1
2
3
4
5
6
7
8
VDD
HB
HO
HS
HI
LI
VSS
LO
VDD
HB
HO
HS
LO
VSS
LI
HI
1
8
2
7
3
6
4
5
SOIC-8
LM5100A, LM5100B, LM5100C, LM5101A, LM5101B, LM5101C
SNOSAW2P – SEPTEMBER 2006 – REVISED MARCH 2013
www.ti.com
Table 1. Input/Output Options
Part Number
Input Thresholds
Peak Output Current
LM5100A
CMOS
3A
LM5101A
TTL
3A
LM5100B
CMOS
2A
LM5101B
TTL
2A
LM5100C
CMOS
1A
LM5101C
TTL
1A
Connection Diagrams
PIN DESCRIPTIONS(1)
Pin #
SO
MSOP-
Name
Description
Application Information
WSON-
WSON-
SOIC-8
Power
PowerPad
8(1)
10(1)
Pad-8
-8(1)
Positive gate
Locally decouple to VSS using low ESR/ESL
1
1
1
1
1
VDD
drive supply
capacitor located as close to the IC as possible.
Connect the positive terminal of the bootstrap
High-side gate
capacitor to HB and the negative terminal to HS. The
2
2
2
2
2
HB
driver bootstrap
bootstrap capacitor should be placed as close to the
rail
IC as possible.
High-side gate
Connect to the gate of high-side MOSFET with a
3
3
3
3
3
HO
driver output
short, low inductance path.
(1)
Note: For WSON-8, WSON-10 and MSOP-PowerPad-8 package, it is recommended that the exposed pad on the bottom of the
package is soldered to ground plane on the PC board, and that ground plane should extend out from beneath the IC to help
dissipate heat. For WSON-10 package, pins 5 and 6 have no connection.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com