Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5100AM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5100AM/NOPB
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100AM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5100AM/NOPB Datasheet HTML 1Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 2Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 3Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 4Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 5Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 6Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 7Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 8Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM5100A, LM5100B, LM5100C, LM5101A, LM5101B, LM5101C
www.ti.com
SNOSAW2P – SEPTEMBER 2006 – REVISED MARCH 2013
PIN DESCRIPTIONS(1) (continued)
Pin #
SO
MSOP-
Name
Description
Application Information
WSON-
WSON-
SOIC-8
Power
PowerPad
8(1)
10(1)
Pad-8
-8(1)
High-side
MOSFET
Connect to the bootstrap capacitor negative terminal
4
4
4
4
4
HS
source
and the source of the high-side MOSFET.
connection
The LM5100A/B/C inputs have CMOS type
High-side driver
thresholds. The LM5101A/B/C inputs have TTL type
5
5
5
7
5
HI
control input
thresholds. Unused inputs should be tied to ground
and not left open.
The LM5100A/B/C inputs have CMOS type
Low-side driver
thresholds. The LM5101A/B/C inputs have TTL type
6
6
6
8
6
LI
control input
thresholds. Unused inputs should be tied to ground
and not left open.
7
7
7
9
7
VSS
Ground return
All signals are referenced to this ground.
Low-side gate
Connect to the gate of the low-side MOSFET with a
8
8
8
10
8
LO
driver output
short, low inductance path.
EP (WSON and SO
Solder to the ground plane under the IC to aid in heat
EP
EP
EP
EP
PowerPad and MSOP-
dissipation.
PowerPad packages)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VDD to VSS
−0.3V to +18V
HB to HS
−0.3V to +18V
LI or HI Input
−0.3V to VDD +0.3V
LO Output
−0.3V to VDD +0.3V
HO Output
VHS −0.3V to VHB +0.3V
HS to VSS (3)
−5V to +100V
HB to VSS
118V
Junction Temperature
+150°C
Storage Temperature Range
−55°C to +150°C
ESD Rating HBM (4)
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
In the application the HS node is clamped by the body diode of the external lower N-MOSFET, therefore the HS node will generally not
exceed -1V. However, in some applications, board resistance and inductance may result in the HS node exceeding this stated voltage
transiently. If negative transients occur, the HS voltage must never be more negative than VDD-15V. For example if VDD = 10V, the
negative transients at HS must not exceed -5V.
(4)
The Human Body Model (HBM) is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. 2 kV for all pins except Pin 2,
Pin 3 and Pin 4 which are rated at 1000V for HBM. Machine Model (MM) ratings are : 100V(MM) for Options B and C; 50V(MM) for
Option A.
Recommended Operating Conditions
VDD
+9V to +14V
HS
−1V to 100V
HB
VHS +8V to VHS +14V
HS Slew Rate
< 50 V/ns
Junction Temperature
−40°C to +125°C
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com