Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV932MM Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMV932MM
Description  LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV932MM Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV932MM Datasheet HTML 17Page - Texas Instruments LMV932MM Datasheet HTML 18Page - Texas Instruments LMV932MM Datasheet HTML 19Page - Texas Instruments LMV932MM Datasheet HTML 20Page - Texas Instruments LMV932MM Datasheet HTML 21Page - Texas Instruments LMV932MM Datasheet HTML 22Page - Texas Instruments LMV932MM Datasheet HTML 23Page - Texas Instruments LMV932MM Datasheet HTML 24Page - Texas Instruments LMV932MM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMV931MF
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV931MF/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV931MFX
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV931MFX/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV931MG
SC70
DCK
5
1000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LMV931MG/NOPB
SC70
DCK
5
1000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LMV931MGX
SC70
DCK
5
3000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LMV931MGX/NOPB
SC70
DCK
5
3000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LMV931Q1MF/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV931Q1MFX/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV932MAX
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMV932MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMV932MM
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV932MM/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV932MMX
VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV932MMX/NOPB
VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV934MAX
SOIC
D
14
2500
330.0
16.4
6.5
9.35
2.3
8.0
16.0
Q1
LMV934MAX/NOPB
SOIC
D
14
2500
330.0
16.4
6.5
9.35
2.3
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Apr-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com