Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM35CZ/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM35CZ/NOPB
Description  LM35 Precision Centigrade Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35CZ/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM35CZ/NOPB Datasheet HTML 1Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 2Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 3Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 4Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 5Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 6Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 7Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 8Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM35
www.ti.com
SNIS159C – AUGUST 1999 – REVISED JULY 2013
ELECTRICAL CHARACTERISTICS
(1)(2) (continued)
LM35
LM35C, LM35D
UNITS
PARAMETER
TEST CONDITIONS
TYP
TESTED
DESIGN
TYP
TESTED
DESIGN
(MAX.)
LIMIT(3)
LIMIT(4)
LIMIT(3)
LIMIT(4)
VS = 5 V, 25°C
56
80
56
80
VS = 5 V
105
158
91
138
Quiescent current(8)
µA
VS = 30 V, 25°C
56.2
82
56.2
82
VS = 30 V
105.5
161
91.5
141
4 V
≤ VS ≤ 30 V, 25°C
0.2
2
0.2
2
Change of quiescent
µA
current(9)
4 V
≤ VS ≤ 30 V
0.5
3
0.5
3
Temperature
+0.39
+0.7
+0.39
+0.7
coefficient of
µA/°C
quiescent current
Minimum temperature
In circuit of Figure 1, IL = 0
+1.5
+2
+1.5
+2
°C
for rate accuracy
Long term stability
TJ = TMAX, for 1000 hours
±0.08
±0.08
°C
(8)
Quiescent current is defined in the circuit of Figure 1.
(9)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com